Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic CS8952 Datasheet HTML 74Page - Cirrus Logic CS8952 Datasheet HTML 75Page - Cirrus Logic CS8952 Datasheet HTML 76Page - Cirrus Logic CS8952 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
73
Auto-Negotiation may also be enabled and the advertised capabilities modified under software control
through bit 8 of the Basic Mode Control Register (address 00h), and bits 5, 6, 7, 8, and 10 of the Auto-
Negotiation Advertisement Register (address 04h).
These pins are pulled to ‘M’ through weak internal resistors (> 150 K
Ω). Other values may be set by
tying them directly to VDD_MII or VSS, or through external 10 K
Ω pull-up or pull-down resistors.
1
M
10 Mb/s
Forced
Full
M
0
100 Mb/s
Forced
Half
M
1
100 Mb/s
Forced
Full
M
M
100/10 Mb/s
Auto-Neg
Full/Half
0
0
10 Mb/s
Auto-Neg
Half
0
1
10 Mb/s
Auto-Neg
Full
1
0
100 Mb/s
Auto-Neg
Half
1
1
100 Mb/s
Auto-Neg
Full
AN1 pin
AN0 pin
Speed
Forced/Auto
Full/Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com