Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 57Page - Cirrus Logic CS8952 Datasheet HTML 58Page - Cirrus Logic CS8952 Datasheet HTML 59Page - Cirrus Logic CS8952 Datasheet HTML 60Page - Cirrus Logic CS8952 Datasheet HTML 61Page - Cirrus Logic CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
61
6.19
10BASE-T Status Register - Address 1Bh
15
14
13
12
11
10
9
8
Reserved
Polarity OK
10BASE-T
Serial
Reserved
765
4321
0
Reserved
BIT
NAME
TYPE
RESET
DESCRIPTION
15:11 Reserved
Read Only
0 0000
10
Polarity OK
Read Only
0
When high, the polarity of the receive signal (at the
RXD+/RXD- inputs) is correct. If clear, the polarity is
reversed. If the Polarity Disable bit of 10BASE-T
Configuration Register (address 1Ch) is clear, then
the polarity is automatically corrected, if needed. The
Polarity OK status bit shows the true state of the
incoming polarity independent of the Polarity Disable
bit.
9
10BASE-T Serial
Read/Write Reset to the value
on the 10BT_SER
pin.
When set, this bit selects 10BASE-T serial mode.
When low, this bit selects 10BASE-T nibble mode.
This bit will only affect the CS8952 if it has been con-
figured for 10 Mb/s operation.
8:0
Reserved
Read Only
0 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com