Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 25Page - Cypress Semiconductor MB96310 Datasheet HTML 26Page - Cypress Semiconductor MB96310 Datasheet HTML 27Page - Cypress Semiconductor MB96310 Datasheet HTML 28Page - Cypress Semiconductor MB96310 Datasheet HTML 29Page - Cypress Semiconductor MB96310 Datasheet HTML 30Page - Cypress Semiconductor MB96310 Datasheet HTML 31Page - Cypress Semiconductor MB96310 Datasheet HTML 32Page - Cypress Semiconductor MB96310 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 28 of 81
MB96310 Series
000473H
I/O Port P07 - Extended Port Input Level Register
EPILR07
R/W
000474H-
00047FH
Reserved
-
000480H
I/O Port P00 - Port Output Drive Register
PODR00
R/W
000481H
I/O Port P01 - Port Output Drive Register
PODR01
R/W
000482H
I/O Port P02 - Port Output Drive Register
PODR02
R/W
000483H
I/O Port P03 - Port Output Drive Register
PODR03
R/W
000484H
Reserved
-
000485H
I/O Port P05 - Port Output Drive Register
PODR05
R/W
000486H
I/O Port P06 - Port Output Drive Register
PODR06
R/W
000487H
I/O Port P07 - Port Output Drive Register
PODR07
R/W
000488H-
0004A7H
Reserved
-
0004A8H
I/O Port P00 - Pull-Up resistor Control Register
PUCR00
R/W
0004A9H
I/O Port P01 - Pull-Up resistor Control Register
PUCR01
R/W
0004AAH
I/O Port P02 - Pull-Up resistor Control Register
PUCR02
R/W
0004ABH
I/O Port P03 - Pull-Up resistor Control Register
PUCR03
R/W
0004ACH
Reserved
-
0004ADH
I/O Port P05 - Pull-Up resistor Control Register
PUCR05
R/W
0004AEH
I/O Port P06 - Pull-Up resistor Control Register
PUCR06
R/W
0004AFH
I/O Port P07 - Pull-Up resistor Control Register
PUCR07
R/W
0004B0H-
0004BBH
Reserved
-
0004BCH
I/O Port P00 - External Pin State Register
EPSR00
R
0004BDH
I/O Port P01 - External Pin State Register
EPSR01
R
0004BEH
I/O Port P02 - External Pin State Register
EPSR02
R
0004BFH
I/O Port P03 - External Pin State Register
EPSR03
R
0004C0H
Reserved
-
0004C1H
I/O Port P05 - External Pin State Register
EPSR05
R
0004C2H
I/O Port P06 - External Pin State Register
EPSR06
R
0004C3H
I/O Port P07 - External Pin State Register
EPSR07
R
I/O map MB96(F)315x (Sheet 12 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com