Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 33Page - Cypress Semiconductor MB96310 Datasheet HTML 34Page - Cypress Semiconductor MB96310 Datasheet HTML 35Page - Cypress Semiconductor MB96310 Datasheet HTML 36Page - Cypress Semiconductor MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 36 of 81
MB96310 Series
000918H
CAN2 - IF1 Arbitration 1 Register Low
IF1ARB1L2
IF1ARB12
R/W
000919H
CAN2 - IF1 Arbitration 1 Register High
IF1ARB1H2
R/W
00091AH
CAN2 - IF1 Arbitration 2 Register Low
IF1ARB2L2
IF1ARB22
R/W
00091BH
CAN2 - IF1 Arbitration 2 Register High
IF1ARB2H2
R/W
00091CH
CAN2 - IF1 Message Control Register Low
IF1MCTRL2
IF1MCTR2
R/W
00091DH
CAN2 - IF1 Message Control Register High
IF1MCTRH2
R/W
00091EH
CAN2 - IF1 Data A1 Low
IF1DTA1L2
IF1DTA12
R/W
00091FH
CAN2 - IF1 Data A1 High
IF1DTA1H2
R/W
000920H
CAN2 - IF1 Data A2 Low
IF1DTA2L2
IF1DTA22
R/W
000921H
CAN2 - IF1 Data A2 High
IF1DTA2H2
R/W
000922H
CAN2 - IF1 Data B1 Low
IF1DTB1L2
IF1DTB12
R/W
000923H
CAN2 - IF1 Data B1 High
IF1DTB1H2
R/W
000924H
CAN2 - IF1 Data B2 Low
IF1DTB2L2
IF1DTB22
R/W
000925H
CAN2 - IF1 Data B2 High
IF1DTB2H2
R/W
000926H-
00093FH
Reserved
-
000940H
CAN2 - IF2 Command request register Low
IF2CREQL2
IF2CREQ2
R/W
000941H
CAN2 - IF2 Command request register High
IF2CREQH2
R/W
000942H
CAN2 - IF2 Command Mask register Low
IF2CMSKL2
IF2CMSK2
R/W
000943H
CAN2 - IF2 Command Mask register High (reserved)
IF2CMSKH2
R
000944H
CAN2 - IF2 Mask 1 Register Low
IF2MSK1L2
IF2MSK12
R/W
000945H
CAN2 - IF2 Mask 1 Register High
IF2MSK1H2
R/W
000946H
CAN2 - IF2 Mask 2 Register Low
IF2MSK2L2
IF2MSK22
R/W
000947H
CAN2 - IF2 Mask 2 Register High
IF2MSK2H2
R/W
000948H
CAN2 - IF2 Arbitration 1 Register Low
IF2ARB1L2
IF2ARB12
R/W
000949H
CAN2 - IF2 Arbitration 1 Register High
IF2ARB1H2
R/W
00094AH
CAN2 - IF2 Arbitration 2 Register Low
IF2ARB2L2
IF2ARB22
R/W
00094BH
CAN2 - IF2 Arbitration 2 Register High
IF2ARB2H2
R/W
00094CH
CAN2 - IF2 Message Control Register Low
IF2MCTRL2
IF2MCTR2
R/W
00094DH
CAN2 - IF2 Message Control Register High
IF2MCTRH2
R/W
00094EH
CAN2 - IF2 Data A1 Low
IF2DTA1L2
IF2DTA12
R/W
I/O map MB96(F)315x (Sheet 20 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com