Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 16Page - Cypress Semiconductor MB96310 Datasheet HTML 17Page - Cypress Semiconductor MB96310 Datasheet HTML 18Page - Cypress Semiconductor MB96310 Datasheet HTML 19Page - Cypress Semiconductor MB96310 Datasheet HTML 20Page - Cypress Semiconductor MB96310 Datasheet HTML 21Page - Cypress Semiconductor MB96310 Datasheet HTML 22Page - Cypress Semiconductor MB96310 Datasheet HTML 23Page - Cypress Semiconductor MB96310 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 19 of 81
MB96310 Series
00005FH
EXTINT1 - External Interrupt Level Select High
ELVRH1
R/W
000060H
RLT0 - Timer Control Status Register Low
TMCSRL0
TMCSR0
R/W
000061H
RLT0 - Timer Control Status Register High
TMCSRH0
R/W
000062H
RLT0 - Reload Register - for writing
TMRLR0
W
000062H
RLT0 - Reload Register - for reading
TMR0
R
000063H
RLT0 - Reload Register - for writing
W
000063H
RLT0 - Reload Register - for reading
R
000064H
RLT1 - Timer Control Status Register Low
TMCSRL1
TMCSR1
R/W
000065H
RLT1 - Timer Control Status Register High
TMCSRH1
R/W
000066H
RLT1 - Reload Register - for writing
TMRLR1
W
000066H
RLT1 - Reload Register - for reading
TMR1
R
000067H
RLT1 - Reload Register - for writing
W
000067H
RLT1 - Reload Register - for reading
R
000068H
RLT2 - Timer Control Status Register Low
TMCSRL2
TMCSR2
R/W
000069H
RLT2 - Timer Control Status Register High
TMCSRH2
R/W
00006AH
RLT2 - Reload Register - for writing
TMRLR2
W
00006AH
RLT2 - Reload Register - for reading
TMR2
R
00006BH
RLT2 - Reload Register - for writing
W
00006BH
RLT2 - Reload Register - for reading
R
00006CH
RLT3 - Timer Control Status Register Low
TMCSRL3
TMCSR3
R/W
00006DH
RLT3 - Timer Control Status Register High
TMCSRH3
R/W
00006EH
RLT3 - Reload Register - for writing
TMRLR3
W
00006EH
RLT3 - Reload Register - for reading
TMR3
R
00006FH
RLT3 - Reload Register - for writing
W
00006FH
RLT3 - Reload Register - for reading
R
000070H
RLT6 - Timer Control Status Register Low (dedic. RLT for
PPG)
TMCSRL6
TMCSR6
R/W
000071H
RLT6 - Timer Control Status Register High (dedic. RLT for
PPG)
TMCSRH6
R/W
000072H
RLT6 - Reload Register (dedic. RLT for PPG) - for writing
TMRLR6
W
000072H
RLT6 - Reload Register (dedic. RLT for PPG) - for reading
TMR6
R
I/O map MB96(F)315x (Sheet 3 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com