Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 32Page - Cypress Semiconductor MB96310 Datasheet HTML 33Page - Cypress Semiconductor MB96310 Datasheet HTML 34Page - Cypress Semiconductor MB96310 Datasheet HTML 35Page - Cypress Semiconductor MB96310 Datasheet HTML 36Page - Cypress Semiconductor MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 35 of 81
MB96310 Series
0005E0H-
00065FH
Reserved
-
000660H
Peripheral Resource Relocation Register 10
PRRR10
R/W
000661H
Peripheral Resource Relocation Register 11
PRRR11
R/W
000662H
Peripheral Resource Relocation Register 12
PRRR12
R/W
000663H
Peripheral Resource Relocation Register 13
PRRR13
W
000664H-
0008FFH
Reserved
-
000900H
CAN2 - Control register Low
CTRLRL2
CTRLR2
R/W
000901H
CAN2 - Control register High (reserved)
CTRLRH2
R
000902H
CAN2 - Status register Low
STATRL2
STATR2
R/W
000903H
CAN2 - Status register High (reserved)
STATRH2
R
000904H
CAN2 - Error Counter Low (Transmit)
ERRCNTL2
ERRCNT2
R
000905H
CAN2 - Error Counter High (Receive)
ERRCNTH2
R
000906H
CAN2 - Bit Timing Register Low
BTRL2
BTR2
R/W
000907H
CAN2 - Bit Timing Register High
BTRH2
R/W
000908H
CAN2 - Interrupt Register Low
INTRL2
INTR2
R
000909H
CAN2 - Interrupt Register High
INTRH2
R
00090AH
CAN2 - Test Register Low
TESTRL2
TESTR2
R/W
00090BH
CAN2 - Test Register High (reserved)
TESTRH2
R
00090CH
CAN2 - BRP Extension register Low
BRPERL2
BRPER2
R/W
00090DH
CAN2 - BRP Extension register High (reserved)
BRPERH2
R
00090EH-
00090FH
Reserved
-
000910H
CAN2 - IF1 Command request register Low
IF1CREQL2
IF1CREQ2
R/W
000911H
CAN2 - IF1 Command request register High
IF1CREQH2
R/W
000912H
CAN2 - IF1 Command Mask register Low
IF1CMSKL2
IF1CMSK2
R/W
000913H
CAN2 - IF1 Command Mask register High (reserved)
IF1CMSKH2
R
000914H
CAN2 - IF1 Mask 1 Register Low
IF1MSK1L2
IF1MSK12
R/W
000915H
CAN2 - IF1 Mask 1 Register High
IF1MSK1H2
R/W
000916H
CAN2 - IF1 Mask 2 Register Low
IF1MSK2L2
IF1MSK22
R/W
000917H
CAN2 - IF1 Mask 2 Register High
IF1MSK2H2
R/W
I/O map MB96(F)315x (Sheet 19 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com