Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 74Page - Cypress Semiconductor MB96310 Datasheet HTML 75Page - Cypress Semiconductor MB96310 Datasheet HTML 76Page - Cypress Semiconductor MB96310 Datasheet HTML 77Page - Cypress Semiconductor MB96310 Datasheet HTML 78Page - Cypress Semiconductor MB96310 Datasheet HTML 79Page - Cypress Semiconductor MB96310 Datasheet HTML 80Page - Cypress Semiconductor MB96310 Datasheet HTML 81Page - Cypress Semiconductor MB96310 Datasheet HTML 82Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 77 of 81
MB96310 Series
17. Ordering Information
MCU with CAN controller
MCU without CAN controller
Part number
Flash/ROM
Subclock
Persistent
Low Voltage
Reset
Package
MB96F313YSB PMC-GSE2
Flash A (96KB)
No
Yes
48 pins Plastic LQFP
(FPT-48P-M26)
MB96F313RSB PMC-GSE1
No
MB96F313RSB PMC-GSE2
No
MB96F313YWB PMC-GSE2
Yes
Yes
MB96F313RWB PMC-GSE2
No
MB96F315YSB PMC-GSE2
Flash A (160KB)
No
Yes
MB96F315RSB PMC-GSE1
No
MB96F315RSB PMC-GSE2
No
MB96F315YWB PMC-GSE2
Yes
Yes
MB96F315RWB PMC-GSE2
No
MB96V300CRB-ES
(for evaluation)
Emulated by ext. RAM
Yes
No
416 pin Plastic BGA
(BGA-416P-M02)
Part number
Flash/ROM
Subclock
Persistent
Low Voltage
Reset
Package
MB96F313ASB PMC-GSE2
Flash A (96KB)
No
No
48 pins Plastic LQFP
(FPT-48P-M26)
MB96F313AWB PMC-GSE2
Yes
MB96F315ASB PMC-GSE2
Flash A (160KB)
No
MB96F315AWB PMC-GSE2
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com