Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB96310 Datasheet HTML 1Page - Cypress Semiconductor MB96310 Datasheet HTML 2Page - Cypress Semiconductor MB96310 Datasheet HTML 3Page - Cypress Semiconductor MB96310 Datasheet HTML 4Page - Cypress Semiconductor MB96310 Datasheet HTML 5Page - Cypress Semiconductor MB96310 Datasheet HTML 6Page - Cypress Semiconductor MB96310 Datasheet HTML 7Page - Cypress Semiconductor MB96310 Datasheet HTML 8Page - Cypress Semiconductor MB96310 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 2 of 81
MB96310 Series
USART
Full duplex USARTs (SCI/LIN)
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different
synchronous serial protocols
LIN functionality working either as master or slave LIN device
A/D converter
SAR-type
10-bit resolution
Signals interrupt on conversion end, single conversion mode,
continuous conversion mode, stop conversion mode, activation
by software, external trigger or reload timer
Reload Timers
16-bit wide
Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral
clock frequency
Event count function
Free Running Timers
Signals an interrupt on overflow, supports timer clear upon
match with Output Compare (0, 4), Prescaler with 1, 1/21, 1/22,
1/23, 1/24, 1/25, 1/26, 1/27,1/28 of peripheral clock frequency
Input Capture Units
16-bit wide
Signals an interrupt upon external event
Rising edge, falling edge or rising & falling edge sensitive
Output Compare Units
16-bit wide
Signals an interrupt when a match with 16-bit I/O Timer occurs
A pair of compare registers can be used to generate an output
signal.
Programmable Pulse Generator
16-bit down counter, cycle and duty setting registers
Interrupt at trigger, counter borrow and/or duty match
PWM operation and one-shot operation
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock
as counter clock and Reload timer underflow as clock input
Can be triggered by software or reload timer
Real Time Clock
Can be clocked either from sub oscillator (devices with part
number suffix “W”), main oscillator or from the RC oscillator
Facility to correct oscillation deviation of Sub clock or RC
oscillator clock (clock calibration)
Read/write accessible second/minute/hour registers
Can signal interrupts every half
second/second/minute/hour/day
Internal clock divider and prescaler provide exact 1s clock
External Interrupts
Edge sensitive or level sensitive
Interrupt mask and pending bit per channel
Each available CAN channel RX has an external interrupt for
wake-up
Selected USART channels SIN have an external interrupt for
wake-up
Non Maskable Interrupt
Disabled after reset
Once enabled, can not be disabled other than by reset.
Level high or level low sensitive
Pin shared with external interrupt 0.
I/O Ports
Virtually all external pins can be used as general purpose I/O
All push-pull outputs
Bit-wise programmable as input/output or peripheral signal
Bit-wise programmable input enable
Bit-wise programmable input levels: Automotive /
CMOS-Schmitt trigger / TTL
Bit-wise programmable pull-up resistor
Bit-wise programmable output driving strength for EMI
optimization
Packages
48-pin plastic LQFP M26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com