Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 63Page - Cypress Semiconductor MB96310 Datasheet HTML 64Page - Cypress Semiconductor MB96310 Datasheet HTML 65Page - Cypress Semiconductor MB96310 Datasheet HTML 66Page - Cypress Semiconductor MB96310 Datasheet HTML 67Page - Cypress Semiconductor MB96310 Datasheet HTML 68Page - Cypress Semiconductor MB96310 Datasheet HTML 69Page - Cypress Semiconductor MB96310 Datasheet HTML 70Page - Cypress Semiconductor MB96310 Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 66 of 81
MB96310 Series
Accuracy and setting of the A/D Converter sampling time
If the external impedance is too high or the sampling time too short, the analog voltage charged to the internal sample and hold
capacitor is insufficient, adversely affecting the A/D conversion precision.
To satisfy the A/D conversion precision, a sufficient sampling time must be selected. The required sampling time depends on the
external driving impedance Rext, the board capacitance of the A/D converter input pin Cext and the AVcc voltage level. The following
replacement model can be used for the calculation:
The sampling time should be set to minimum “7
“. The following approximation formula for the replacement model above can be used:
Tsamp [min] = 7 × (Rext × (Cext + CIN) + (Rext + RADC) × CADC)
• Do not select a sampling time below the absolute minimum permitted value
(0.5
s for 4.5V AVcc 5.5V; 1.2 s for 3.0V AVcc 4.5V).
• If the sampling time cannot be sufficient, connect a capacitor of about 0.1
F to the analog input pin. In this case the internal
sampling capacitance CADC will be charged out of this external capacitance.
• A big external driving impedance also adversely affects the A/D conversion precision due to the pin input leakage current IIL
(static current before the sampling switch) or the analog input leakage current IAIN (total leakage current of pin input and
comparator during sampling). The effect of the pin input leakage current IIL cannot be compensated by an external capacitor.
• The accuracy gets worse as |AVRH - AVRL| becomes smaller.
Comparator
Sampling switch
RADC
CADC
Analog
Rext
Cext
input
MCU
Source
Rext: external driving impedance
Cext: capacitance of PCB at A/D converter input
RADC: resistance within MCU: 2.6k (max) for 4.5V AVcc 5.5V
12k
 (max) for 3.0V AVcc 4.5V
CADC: sampling capacitance within MCU: 10pF (max)
CIN
CIN: capacitance of MCU input pin: 15pF (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com