Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 74Page - Cypress Semiconductor MB96310 Datasheet HTML 75Page - Cypress Semiconductor MB96310 Datasheet HTML 76Page - Cypress Semiconductor MB96310 Datasheet HTML 77Page - Cypress Semiconductor MB96310 Datasheet HTML 78Page - Cypress Semiconductor MB96310 Datasheet HTML 79Page - Cypress Semiconductor MB96310 Datasheet HTML 80Page - Cypress Semiconductor MB96310 Datasheet HTML 81Page - Cypress Semiconductor MB96310 Datasheet HTML 82Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 79 of 81
MB96310 Series
19. Major Changes
Spansion Publication Number: DS07-13808-2E
NOTE: Please see “Document History” about later revised information.
Page
Section
Change Results
3
Features
Corrected the sentence “Reload timer overflow” to “Reload timer
underflow” for Programmable Pulse Generator.
5, 6
Product Lineup
Removed footnote.
Changed name of evaluation sample.
8
Pin Assignments
Corrected pin number of X0.
34 → 35
14
Memory Map
Changed name of evaluation sample.
17
Serial Programming Communication Interface
Corrected device name, package name and pin numbers.
49-50
Electrical Characteristics
3.DC Characteristics
Note added in DC characteristics how to select driving strength of
ports.
51-56
Electrical Characteristics
3.DC Characteristics
Updated Icc specs.
Updated Power Supply current spec in Run/Sleep/Timer/Stop
modes (new spec items in PLL Run/Sleep mode, small adjustment
of most other values).
57
Electrical Characteristics
4.AC Characteristics
Note added that PLL phase jitter spec does not include jitter coming
from Main clock.
Added specification of RC clock stabilization time.
65
Electrical Characteristics
5. Analog Digital Converter
Changed the item for “Zero reading voltage” and “Full scale reading
voltage”.
AD converter IAIN spec improved: 1uA valid up to 105deg, 1.2uA
above 105deg.
68
Electrical Characteristics
5. Analog Digital Converter
“Notes on A/D Converter Section” was rewrite and renamed to
“Accuracy and setting of the A/D Converter sampling time”.
Impact of input pin capacitance and external capacitance added to
formula for calculation of the sampling time.
69
Electrical Characteristics
6. Low Voltage Detector Characteristics
Detection levels updated.
72-77
Example Characteristics
Added.
78
Package Dimension MB96(F)31x LQFP48
Updated package figure.
Added the following sentence under the figure: “Please check the
latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/”.
79
Ordering Information
Updated part number:
MB96F313/F315**A → MB96F313/F315**B
Removed footnote.
Added Part Numbers “MB96F313RSB PMC-GSE1”,
“MB96F315RSB PMC-GSE1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com