Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 31Page - Cypress Semiconductor MB96310 Datasheet HTML 32Page - Cypress Semiconductor MB96310 Datasheet HTML 33Page - Cypress Semiconductor MB96310 Datasheet HTML 34Page - Cypress Semiconductor MB96310 Datasheet HTML 35Page - Cypress Semiconductor MB96310 Datasheet HTML 36Page - Cypress Semiconductor MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 34 of 81
MB96310 Series
0005C2H
PPG16 - Period setting register
PCSR16
W
0005C3H
PPG16 - Period setting register
W
0005C4H
PPG16 - Duty cycle register
PDUT16
W
0005C5H
PPG16 - Duty cycle register
W
0005C6H
PPG16 - Control status register Low
PCNL16
PCN16
R/W
0005C7H
PPG16 - Control status register High
PCNH16
R/W
0005C8H
PPG17 - Timer register
PTMR17
R
0005C9H
PPG17 - Timer register
R
0005CAH
PPG17 - Period setting register
PCSR17
W
0005CBH
PPG17 - Period setting register
W
0005CCH
PPG17 - Duty cycle register
PDUT17
W
0005CDH
PPG17 - Duty cycle register
W
0005CEH
PPG17 - Control status register Low
PCNL17
PCN17
R/W
0005CFH
PPG17 - Control status register High
PCNH17
R/W
0005D0H
PPG18 - Timer register
PTMR18
R
0005D1H
PPG18 - Timer register
R
0005D2H
PPG18 - Period setting register
PCSR18
W
0005D3H
PPG18 - Period setting register
W
0005D4H
PPG18 - Duty cycle register
PDUT18
W
0005D5H
PPG18 - Duty cycle register
W
0005D6H
PPG18 - Control status register Low
PCNL18
PCN18
R/W
0005D7H
PPG18 - Control status register High
PCNH18
R/W
0005D8H
PPG19 - Timer register
PTMR19
R
0005D9H
PPG19 - Timer register
R
0005DAH
PPG19 - Period setting register
PCSR19
W
0005DBH
PPG19 - Period setting register
W
0005DCH
PPG19 - Duty cycle register
PDUT19
W
0005DDH
PPG19 - Duty cycle register
W
0005DEH
PPG19 - Control status register Low
PCNL19
PCN19
R/W
0005DFH
PPG19 - Control status register High
PCNH19
R/W
I/O map MB96(F)315x (Sheet 18 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com