Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB96310 Datasheet HTML 1Page - Cypress Semiconductor MB96310 Datasheet HTML 2Page - Cypress Semiconductor MB96310 Datasheet HTML 3Page - Cypress Semiconductor MB96310 Datasheet HTML 4Page - Cypress Semiconductor MB96310 Datasheet HTML 5Page - Cypress Semiconductor MB96310 Datasheet HTML 6Page - Cypress Semiconductor MB96310 Datasheet HTML 7Page - Cypress Semiconductor MB96310 Datasheet HTML 8Page - Cypress Semiconductor MB96310 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 4 of 81
MB96310 Series
Contents
Product Lineup ................................................................. 5
Block Diagram .................................................................. 6
Pin Assignments .............................................................. 7
Pin Function Description ................................................. 8
Pin Circuit Type .............................................................. 10
I/O Circuit Type ............................................................... 11
Memory Map .................................................................... 13
RAMSTART Addresses .................................................. 14
User ROM Memory Map for Flash Devices .................. 15
Serial Programming Communication Interface ........... 16
I/O Map ............................................................................. 17
Interrupt Vector Table .................................................... 39
Handling Devices ............................................................ 42
Latch-up prevention ................................................... 42
Unused pins handling ................................................ 42
External clock usage ................................................. 42
Unused sub clock signal ............................................ 43
Notes on PLL clock mode operation ......................... 43
Power supply pins (VCC/VSS) .................................. 43
Crystal oscillator and ceramic resonator circuit ......... 43
Turn on sequence of power supply to
A/D converter and analog inputs ............................... 43
Pin handling when not using the A/D converter ........ 43
Notes on Power-on .................................................... 43
Stabilization of power supply voltage ........................ 44
Serial communication ................................................ 44
Electrical Characteristics ............................................... 45
Absolute Maximum Ratings ....................................... 45
Recommended Operating Conditions ....................... 47
DC characteristics ..................................................... 48
AC Characteristics ..................................................... 55
Analog Digital Converter ........................................... 63
Low Voltage Detector characteristics ........................ 67
FLASH memory program/erase characteristics ........ 69
Example Characteristics ................................................ 70
Temperature dependency of
power supply currents ............................................... 70
Frequency dependency of
power supply currents in PLL Run mode .................. 75
Package Dimension MB96(F)31x LQFP48 .................... 76
Ordering Information ...................................................... 77
Revision History ............................................................. 78
Major Changes ................................................................ 79
Document History ........................................................... 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com