Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 5Page - Cypress Semiconductor MB96310 Datasheet HTML 6Page - Cypress Semiconductor MB96310 Datasheet HTML 7Page - Cypress Semiconductor MB96310 Datasheet HTML 8Page - Cypress Semiconductor MB96310 Datasheet HTML 9Page - Cypress Semiconductor MB96310 Datasheet HTML 10Page - Cypress Semiconductor MB96310 Datasheet HTML 11Page - Cypress Semiconductor MB96310 Datasheet HTML 12Page - Cypress Semiconductor MB96310 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 8 of 81
MB96310 Series
4. Pin Function Description
Pin Function description (1 of 2)
Pin name
Feature
Description
ADTG_R
ADC
Relocated A/D converter trigger input
ANn
ADC
A/D converter channel n input
AVCC
Supply
Analog circuits power supply
AVRH
ADC
A/D converter high reference voltage input
AVSS
Supply
Analog circuits power supply
C
Voltage regulator
Internally regulated power supply stabilization capacitor pin
CKOTn
Clock output function
Clock Output function n output
CKOTn_R
Clock output function
Relocated Clock Output function n output
CKOTXn
Clock output function
Clock Output function n inverted output
INn
ICU
Input Capture Unit n input
INTn
External Interrupt
External Interrupt n input
INTn_R
External Interrupt
Relocated External Interrupt n input
MDn
Core
Input pins for specifying the operating mode.
NMI
External Interrupt
Non-Maskable Interrupt input
OUTn
OCU
Output Compare Unit n waveform output
Pxx_n
GPIO
General purpose IO
PPGn
PPG
Programmable Pulse Generator n output
PPGn_R
PPG
Relocated Programmable Pulse Generator n output
RSTX
Core
Reset input
RXn
CAN
CAN interface n RX input
SCKn
USART
USART n serial clock input/output
SCKn_R
USART
Relocated USART n serial clock input/output
SINn
USART
USART n serial data input
SINn_R
USART
Relocated USART n serial data input
SOTn
USART
USART n serial data output
SOTn_R
USART
Relocated USART n serial data output
TINn
Reload Timer
Reload Timer n event input
TINn_R
Reload Timer
Relocated Reload Timer n event input
TOTn
Reload Timer
Reload Timer n output
TOTn_R
Reload Timer
Relocated Reload Timer n output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com