Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 17Page - Cypress Semiconductor MB96310 Datasheet HTML 18Page - Cypress Semiconductor MB96310 Datasheet HTML 19Page - Cypress Semiconductor MB96310 Datasheet HTML 20Page - Cypress Semiconductor MB96310 Datasheet HTML 21Page - Cypress Semiconductor MB96310 Datasheet HTML 22Page - Cypress Semiconductor MB96310 Datasheet HTML 23Page - Cypress Semiconductor MB96310 Datasheet HTML 24Page - Cypress Semiconductor MB96310 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 20 of 81
MB96310 Series
000073H
RLT6 - Reload Register (dedic. RLT for PPG) - for writing
W
000073H
RLT6 - Reload Register (dedic. RLT for PPG) - for reading
R
000074H
PPG3-PPG0 - General Control register 1 Low
GCN1L0
GCN10
R/W
000075H
PPG3-PPG0 - General Control register 1 High
GCN1H0
R/W
000076H
PPG3-PPG0 - General Control register 2 Low
GCN2L0
GCN20
R/W
000077H
PPG3-PPG0 - General Control register 2 High
GCN2H0
R/W
000078H
PPG0 - Timer register
PTMR0
R
000079H
PPG0 - Timer register
R
00007AH
PPG0 - Period setting register
PCSR0
W
00007BH
PPG0 - Period setting register
W
00007CH
PPG0 - Duty cycle register
PDUT0
W
00007DH
PPG0 - Duty cycle register
W
00007EH
PPG0 - Control status register Low
PCNL0
PCN0
R/W
00007FH
PPG0 - Control status register High
PCNH0
R/W
000080H
PPG1 - Timer register
PTMR1
R
000081H
PPG1 - Timer register
R
000082H
PPG1 - Period setting register
PCSR1
W
000083H
PPG1 - Period setting register
W
000084H
PPG1 - Duty cycle register
PDUT1
W
000085H
PPG1 - Duty cycle register
W
000086H
PPG1 - Control status register Low
PCNL1
PCN1
R/W
000087H
PPG1 - Control status register High
PCNH1
R/W
000088H-
00008FH
Reserved
-
000090H
PPG3 - Timer register
PTMR3
R
000091H
PPG3 - Timer register
R
000092H
PPG3 - Period setting register
PCSR3
W
000093H
PPG3 - Period setting register
W
000094H
PPG3 - Duty cycle register
PDUT3
W
000095H
PPG3 - Duty cycle register
W
000096H
PPG3 - Control status register Low
PCNL3
PCN3
R/W
I/O map MB96(F)315x (Sheet 4 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com