Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 36Page - Cypress Semiconductor MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor MB96310 Datasheet HTML 42Page - Cypress Semiconductor MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 39 of 81
MB96310 Series
12. Interrupt Vector Table
Vector
number
Offset in
vector table
Vector name
Cleared by
DMA
Index in ICR
to program
Description
03FCH
CALLV0
No
-
13F8H
CALLV1
No
-
23F4H
CALLV2
No
-
33F0H
CALLV3
No
-
43ECH
CALLV4
No
-
53E8H
CALLV5
No
-
63E4H
CALLV6
No
-
73E0H
CALLV7
No
-
83DCH
RESET
No
-
93D8H
INT9
No
-
10
3D4H
EXCEPTION
No
-
11
3D0H
NMI
No
-
Non-Maskable Interrupt
12
3CCH
DLY
No
12
Delayed Interrupt
13
3C8H
RC_TIMER
No
13
RC Timer
14
3C4H
MC_TIMER
No
14
Main Clock Timer
15
3C0H
SC_TIMER
No
15
Sub Clock Timer
16
3BCH
PLL_UNLOCK
No
16
Reserved
17
3B8H
EXTINT0
Yes
17
External Interrupt 0
18
3B4H
Reserved
19
3B0H
EXTINT2
Yes
19
External Interrupt 2
20
3ACH
EXTINT3
Yes
20
External Interrupt 3
21
3A8H
EXTINT4
Yes
21
External Interrupt 4
22
3A4H
Reserved
23
3A0H
EXTINT7
Yes
23
External Interrupt 7
24
39CH
EXTINT8
Yes
24
External Interrupt 8
25
398H
EXTINT9
Yes
25
External Interrupt 9
26
394H
EXTINT10
Yes
26
External Interrupt 10
27
390H
EXTINT11
Yes
27
External Interrupt 11
28
38CH
EXTINT12
Yes
28
External Interrupt 12
29
388H
EXTINT13
Yes
29
External Interrupt 13
30
384H
Reserved
31
380H
Reserved
32
37CH
Reserved
33
378H
CAN2
No
33
CAN Controller 2
34
374H
PPG0
Yes
34
Programmable Pulse Generator 0
35
370H
PPG1
Yes
35
Programmable Pulse Generator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com