Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 67Page - Cypress Semiconductor MB96310 Datasheet HTML 68Page - Cypress Semiconductor MB96310 Datasheet HTML 69Page - Cypress Semiconductor MB96310 Datasheet HTML 70Page - Cypress Semiconductor MB96310 Datasheet HTML 71Page - Cypress Semiconductor MB96310 Datasheet HTML 72Page - Cypress Semiconductor MB96310 Datasheet HTML 73Page - Cypress Semiconductor MB96310 Datasheet HTML 74Page - Cypress Semiconductor MB96310 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 70 of 81
MB96310 Series
15. Example Characteristics
15.1 Temperature dependency of power supply currents
The following diagrams show the current consumption of samples with typical wafer process parameters in different operation modes.
Common condition for all operation modes:
•VCC = AVCC = 5.0V
• Main clock = 4MHz external clock
• Sub clock = 32kHz external clock
Operation mode details:
Mode name
Details
PLL Run 56
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = 56MHz
•fCLKP2 = 28MHz
Regulator in High Power Mode
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
2 Flash/ROM wait states (MTCRA=233AH)
RC oscillator and Sub oscillator stopped
PLL Run 48
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = 96MHz
•fCLKB = fCLKP1 = 48MHz
•fCLKP2 = 24MHz
Regulator in High Power Mode
Core voltage at 1.9V (VRCR:HPM[1:0] = 11B)
1 Flash/ROM wait states (MTCRA=6B09H)
RC oscillator and Sub oscillator stopped
PLL Run 24
PLL Run mode current ICCPLL with the following settings:
•fCLKS1 = fCLKS2 = 48MHz
•fCLKB = fCLKP1 = fCLKP2 = 24MHz
Regulator in High Power Mode
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
0 Flash/ROM wait states (MTCRA=2208H)
RC oscillator and Sub oscillator stopped
Main Run
Main Run mode current ICCMAIN with the following settings:
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 4MHz
Regulator in High Power Mode
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
1 Flash/ROM wait states (MTCRA=0239H)
PLL, RC oscillator and Sub oscillator stopped
RC Run 2M
RC Run mode current ICCRCH with the following settings:
RC oscillator set to 2MHz (CKFCR:RCFS = 1)
•fCLKS1 = fCLKS2 = fCLKB = fCLKP1 = fCLKP2 = 2MHz
Regulator in High Power Mode
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B)
1 Flash/ROM wait states (MTCRA=0239H)
PLL, Main oscillator and Sub oscillator stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com