Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 49Page - Cypress Semiconductor MB96310 Datasheet HTML 50Page - Cypress Semiconductor MB96310 Datasheet HTML 51Page - Cypress Semiconductor MB96310 Datasheet HTML 52Page - Cypress Semiconductor MB96310 Datasheet HTML 53Page - Cypress Semiconductor MB96310 Datasheet HTML 54Page - Cypress Semiconductor MB96310 Datasheet HTML 55Page - Cypress Semiconductor MB96310 Datasheet HTML 56Page - Cypress Semiconductor MB96310 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 52 of 81
MB96310 Series
Power supply
current in
Sleep modes*
ICCSPLL
PLL Sleep mode with
CLKS1/2 = CLKP1 = 16MHz,
CLKP2 = 8MHz
(CLKRC and CLKSC stopped)
+25°C
4
6
mA
+125°C
4.7
9
PLL Sleep mode with
CLKS1/2 = CLKP1 = 32MHz,
CLKP2 = 16MHz
(CLKRC and CLKSC stopped)
+25°C
7
9.5
mA
+125°C
8
12.5
PLL Sleep mode with
CLKS1/2 = 48MHz,
CLKP1/2 = 24MHz
(CLKRC and CLKSC stopped)
+25°C
7
9
mA
+125°C
8
12
PLL Sleep mode with
CLKS1/2 = CLKP1= 56MHz,
CLKP2 = 28MHz
(CLKRC and CLKSC stopped.
Core voltage at 1.9V)
+25°C
11
14.5
mA
+125°C
12
17.5
PLL Sleep mode with
CLKS1/2 = 96MHz,
CLKP1= 48MHz,
CLKP2 = 24MHz
(CLKRC and CLKSC stopped.
Core voltage at 1.9V)
+25°C
12
15
mA
+125°C
13
18
ICCSMAIN
Main Sleep mode with
CLKS1/2 = CLKP1/2 = 4MHz
(CLKPLL,CLKSCandCLKRC
stopped)
+25°C
1
1.3
mA
+125°C
1.6
4.1
ICCSRCH
RC Sleep mode with
CLKS1/2 = CLKP1/2 = 2MHz
(CLKMC, CLKPLL and
CLKSC stopped)
+25°C
0.55
1.1
mA
+125°C
1.15
3.9
Power supply
current in
Sleep modes*
ICCSRCL
RC Sleep mode with
CLKS1/2 = CLKP1/2 =
100kHz,
SMCR:LPMSS = 0
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in high power mode)
+25°C
0.08
0.2
mA
+125°C
0.59
2.95
RC Sleep mode with CLKS1/2
= CLKP1/2 = 100kHz,
SMCR:LPMSS = 1
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in low power mode)
+25°C
0.05
0.15
mA
+125°C
0.56
2.9
ICCSSUB
Sub Sleep mode with
CLKS1/2 = CLKP1/2 = 32kHz
(CLKMC, CLKPLL and
CLKRC stopped)
+25°C
0.04
0.12
mA
+125°C
0.54
2.9
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Unit
Remarks
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com