Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor MB96310 Datasheet HTML 45Page - Cypress Semiconductor MB96310 Datasheet HTML 46Page - Cypress Semiconductor MB96310 Datasheet HTML 47Page - Cypress Semiconductor MB96310 Datasheet HTML 48Page - Cypress Semiconductor MB96310 Datasheet HTML 49Page - Cypress Semiconductor MB96310 Datasheet HTML 50Page - Cypress Semiconductor MB96310 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 46 of 81
MB96310 Series
*1: AVCC and VCC must be set to the same voltage. It is required that AVCC does not exceed VCC and that the voltage at the analog
inputs does not exceed AVCC neither when the power is switched on.
*2: VI and VO should not exceed VCC + 0.3 V. VI should also not exceed the specified ratings. However if the maximum current
to/from a input is limited by some means with external components, the ICLAMP rating supersedes the VI rating. Input/output
voltages of standard ports depend on VCC.
*3:  Applicable to all general purpose I/O pins (Pnn_m)
 Use within recommended operating conditions.
 Use at DC voltage (current)
 The +B signal should always be applied a limiting resistance placed between the +B signal and the microcontroller.
 The value of the limiting resistance should be set so that when the +B signal is applied the input current to the microcontroller
pin does not exceed rated values, either instantaneously or for prolonged periods.
 Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input potential may pass
through the protective diode and increase the potential at the VCC pin, and this may affect other devices.
 Note that if a +B signal is input when the microcontroller power supply is off (not fixed at 0 V), the power supply is provided
from the pins, so that incomplete operation may result.
 Note that if the +B input is applied during power-on, the power supply is provided from the pins and the resulting supply voltage
may not be sufficient to operate the Power reset (except devices with persistent low voltage reset in internal vector mode).
 Sample recommended circuits:
*4: The maximum permitted power dissipation depends on the ambient temperature, the air flow velocity and the thermal conductance
of the package on the PCB.
The actual power dissipation depends on the customer application and can be calculated as follows:
PD = PIO + PINT
PIO = (VOL * IOL + VOH * IOH) (IO load power dissipation, sum is performed on all IO ports)
PINT = VCC * (ICC + IA) (internal power dissipation)
ICC is the total core current consumption into VCC as described in the “3. DC characteristics” and depends on the selected
operation mode and clock frequency and the usage of functions like Flash programming or the clock modulator.
IA is the analog current consumption into AVCC.
*5: Worst case value for a package mounted on single layer PCB at specified TA without air flow.
*6: Please contact Cypress for reliability limitations when using under these conditions.
WARNING:
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
Protective Diode
Limiting
resistance
+B input (0V to 16V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com