Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 72Page - Cypress Semiconductor MB96310 Datasheet HTML 73Page - Cypress Semiconductor MB96310 Datasheet HTML 74Page - Cypress Semiconductor MB96310 Datasheet HTML 75Page - Cypress Semiconductor MB96310 Datasheet HTML 76Page - Cypress Semiconductor MB96310 Datasheet HTML 77Page - Cypress Semiconductor MB96310 Datasheet HTML 78Page - Cypress Semiconductor MB96310 Datasheet HTML 79Page - Cypress Semiconductor MB96310 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 75 of 81
MB96310 Series
15.2 Frequency dependency of power supply currents in PLL Run mode
The following diagrams show the current consumption of samples with typical wafer process parameters in PLL Run mode at different
frequencies and Flash timing settings.
Measurement conditions:
•VCC = AVCC = 5.0V
• Ta = 25°C
•fCLKS1 = fCLKB or fCLKS1 = 2*fCLKB as described in diagram
•fCLKS2 = fCLKS1
•fCLKP1 = fCLKB
•fCLKP2 = fCLKB/2
• Core voltage at 1.8V (VRCR:HPM[1:0] = 10B) or 1.9V (VRCR:HPM[1:0] = 11B) as described in diagram
• Main clock = 4MHz external clock
• Flash memory timing settings:
•MTCRA=2128H/2208H (0 Flash wait states, fCLKS1 = 2*fCLKB)
•MTCRA=0239H/2129H (1 Flash wait state, fCLKS1 = fCLKB)
•MTCRA=4C09H/6B09H (1 Flash wait state, fCLKS1 = 2*fCLKB)
•MTCRA=233AH (2 Flash wait states, fCLKS1 = fCLKB)
• Average Flash access rate (number of read accesses to the Flash per CLKB clock cycle, no buffer hit):
• 0 Flash wait states: 0.5
• 1 Flash wait states: 0.33
• 2 Flash wait states: 0.25
MB96F313/F315 PLL Run mode currents
0
5
10
15
20
25
30
35
40
45
0
4
8
121620242832364044485256
CLKB/CLKP1 (MHz)
1 Flash wait state
(CLKS1=2*CLKB, 1.9 V)
1 Flash wait state
(CLKS1=2*CLKB, 1.8 V)
0 Flash wait states
(CLKS1=2*CLKB, 1.8 V)
1 Flash wait state
(CLKS1=CLKB, 1.8V)
2 Flash wait states
(CLKS1=CLKB, 1.8 V)
2 Flash wait states
(CLKS1=CLKB, 1.9 V)
: Specified in "DC characteristics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com