Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 42Page - Cypress Semiconductor MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor MB96310 Datasheet HTML 45Page - Cypress Semiconductor MB96310 Datasheet HTML 46Page - Cypress Semiconductor MB96310 Datasheet HTML 47Page - Cypress Semiconductor MB96310 Datasheet HTML 48Page - Cypress Semiconductor MB96310 Datasheet HTML 49Page - Cypress Semiconductor MB96310 Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 45 of 81
MB96310 Series
14. Electrical Characteristics
14.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS - 0.3 VSS + 6.0
V
AVCC
VSS - 0.3 VSS + 6.0
V
VCC = AVCC *1
AD Converter voltage references
AVRH,
AVRL
VSS - 0.3 VSS + 6.0
V
AVCC AVRH, AVCC AVRL, AVRH
AVRL, AVRL AVSS
Input voltage
VI
VSS - 0.3 VSS + 6.0
V
VI VCC + 0.3V *2
Output voltage
VO
VSS - 0.3 VSS + 6.0
V
VO VCC + 0.3V *2
Maximum Clamp Current
ICLAMP
-4.0
+4.0
mA
Applicable to general purpose
I/O pins *3
Total Maximum Clamp Current
|ICLAMP|
-40
mA
Applicable to general purpose
I/O pins *3
“L” level maximum output current
IOL1
-
15
mA Normal outputs with driving strength
set to 5mA
“L” level average output current
IOLAV1
-
5
mA Normal outputs with driving strength
set to 5mA
“L” level maximum overall output current
IOL1
-
100
mA Normal outputs
“L” level average overall output current
IOLAV1
-
50
mA Normal outputs
”H” level maximum output current
IOH1
-
-15
mA
Normal outputs with driving strength
set to 5mA
”H” level average output current
IOHAV1
-
-5
mA Normal outputs with driving strength
set to 5mA
”H” level maximum overall output current
IOH1
-
-100
mA Normal outputs
”H” level average overall output current
IOHAV1
-
-50
mA Normal outputs
Permitted Power dissipation (Flash devices) *4
PD
-
220*5
mW TA = 105oC
-
450*5
mW TA = 85oC
-
615*5
mW TA = 70oC
-
280*5
mW
TA=125oC, no Flash program/
erase *6
-
500*5
mW
TA=105oC, no Flash program/
erase *6
Operating ambient temperature
TA
0+70
oC
MB96V300C
-40
+105
-40
+125
*6
Storage temperature
TSTG
-55
+150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com