Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 24Page - Cypress Semiconductor MB96310 Datasheet HTML 25Page - Cypress Semiconductor MB96310 Datasheet HTML 26Page - Cypress Semiconductor MB96310 Datasheet HTML 27Page - Cypress Semiconductor MB96310 Datasheet HTML 28Page - Cypress Semiconductor MB96310 Datasheet HTML 29Page - Cypress Semiconductor MB96310 Datasheet HTML 30Page - Cypress Semiconductor MB96310 Datasheet HTML 31Page - Cypress Semiconductor MB96310 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 27 of 81
MB96310 Series
000435H
I/O Port P05 - Data Direction Register
DDR05
R/W
000436H
I/O Port P06 - Data Direction Register
DDR06
R/W
000437H
I/O Port P07 - Data Direction Register
DDR07
R/W
000438H-
000443H
Reserved
-
000444H
I/O Port P00 - Port Input Enable Register
PIER00
R/W
000445H
I/O Port P01 - Port Input Enable Register
PIER01
R/W
000446H
I/O Port P02 - Port Input Enable Register
PIER02
R/W
000447H
I/O Port P03 - Port Input Enable Register
PIER03
R/W
000448H
Reserved
-
000449H
I/O Port P05 - Port Input Enable Register
PIER05
R/W
00044AH
I/O Port P06 - Port Input Enable Register
PIER06
R/W
00044BH
I/O Port P07 - Port Input Enable Register
PIER07
R/W
00044CH-
000457H
Reserved
-
000458H
I/O Port P00 - Port Input Level Register
PILR00
R/W
000459H
I/O Port P01 - Port Input Level Register
PILR01
R/W
00045AH
I/O Port P02 - Port Input Level Register
PILR02
R/W
00045BH
I/O Port P03 - Port Input Level Register
PILR03
R/W
00045CH
Reserved
-
00045DH
I/O Port P05 - Port Input Level Register
PILR05
R/W
00045EH
I/O Port P06 - Port Input Level Register
PILR06
R/W
00045FH
I/O Port P07 - Port Input Level Register
PILR07
R/W
000460H-
00046BH
Reserved
-
00046CH
I/O Port P00 - Extended Port Input Level Register
EPILR00
R/W
00046DH
I/O Port P01 - Extended Port Input Level Register
EPILR01
R/W
00046EH
I/O Port P02 - Extended Port Input Level Register
EPILR02
R/W
00046FH
I/O Port P03 - Extended Port Input Level Register
EPILR03
R/W
000470H
Reserved
-
000471H
I/O Port P05 - Extended Port Input Level Register
EPILR05
R/W
000472H
I/O Port P06 - Extended Port Input Level Register
EPILR06
R/W
I/O map MB96(F)315x (Sheet 11 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com