Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 20Page - Cypress Semiconductor MB96310 Datasheet HTML 21Page - Cypress Semiconductor MB96310 Datasheet HTML 22Page - Cypress Semiconductor MB96310 Datasheet HTML 23Page - Cypress Semiconductor MB96310 Datasheet HTML 24Page - Cypress Semiconductor MB96310 Datasheet HTML 25Page - Cypress Semiconductor MB96310 Datasheet HTML 26Page - Cypress Semiconductor MB96310 Datasheet HTML 27Page - Cypress Semiconductor MB96310 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 23 of 81
MB96310 Series
000180H-
00037FH
CPU - General Purpose registers (RAM access)
GPR_RAM
R/W
000380H
DMA0 - Interrupt select
DISEL0
R/W
000381H
DMA1 - Interrupt select
DISEL1
R/W
000382H
DMA2 - Interrupt select
DISEL2
R/W
000383H
DMA3 - Interrupt select
DISEL3
R/W
000384H-
00038FH
Reserved
-
000390H
DMA - Status register low byte
DSRL
DSR
R/W
000391H
DMA - Status register high byte
DSRH
R/W
000392H
DMA - Stop status register low byte
DSSRL
DSSR
R/W
000393H
DMA - Stop status register high byte
DSSRH
R/W
000394H
DMA - Enable register low byte
DERL
DER
R/W
000395H
DMA - Enable register high byte
DERH
R/W
000396H-
00039FH
Reserved
-
0003A0H
Interrupt level register
ILR
ICR
R/W
0003A1H
Interrupt index register
IDX
R/W
0003A2H
Interrupt vector table base register Low
TBRL
TBR
R/W
0003A3H
Interrupt vector table base register High
TBRH
R/W
0003A4H
Delayed Interrupt register
DIRR
R/W
0003A5H
Non Maskable Interrupt register
NMI
R/W
0003A6H-
0003ABH
Reserved
-
0003ACH
EDSU communication interrupt selection Low
EDSU2L
EDSU2
R/W
0003ADH
EDSU communication interrupt selection High
EDSU2H
R/W
0003AEH
ROM mirror control register
ROMM
R/W
0003AFH
EDSU configuration register
EDSU
R/W
0003B0H
Memory patch control/status register ch 0/1
PFCS0
R/W
0003B1H
Memory patch control/status register ch 0/1
R/W
0003B2H
Memory patch control/status register ch 2/3
PFCS1
R/W
0003B3H
Memory patch control/status register ch 2/3
R/W
I/O map MB96(F)315x (Sheet 7 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com