Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 12Page - Cypress Semiconductor MB96310 Datasheet HTML 13Page - Cypress Semiconductor MB96310 Datasheet HTML 14Page - Cypress Semiconductor MB96310 Datasheet HTML 15Page - Cypress Semiconductor MB96310 Datasheet HTML 16Page - Cypress Semiconductor MB96310 Datasheet HTML 17Page - Cypress Semiconductor MB96310 Datasheet HTML 18Page - Cypress Semiconductor MB96310 Datasheet HTML 19Page - Cypress Semiconductor MB96310 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 15 of 81
MB96310 Series
9. User ROM Memory Map for Flash Devices
MB96F313
MB96F315
Alternative mode
CPU address
Flash memory
mode address
Flash size
96kByte
Flash size
160kByte
FF:FFFFH
FF:0000H
3F:FFFFH
3F:0000H
S39 - 64K
S39 - 64K
Flash A
FE:FFFFH
FE:0000H
3E:FFFFH
3E:0000H
Reserved
S38 - 64K
FD:FFFFH
FD:0000H
3D:FFFFH
3D:0000H
Reserved
FC:FFFFH
FC:0000H
3C:FFFFH
3C:0000H
FB:FFFFH
FB:0000H
3B:FFFFH
3B:0000H
FA:FFFFH
FA:0000H
3A:FFFFH
3A:0000H
F9:FFFFH
F9:0000H
39:FFFFH
39:0000H
F8:FFFFH
F8:0000H
38:FFFFH
38:0000H
F7:FFFFH
F7:0000H
37:FFFFH
37:0000H
F6:FFFFH
F6:0000H
36:FFFFH
36:0000H
F5:FFFFH
F5:0000H
35:FFFFH
35:0000H
F4:FFFFH
F4:0000H
34:FFFFH
34:0000H
F3:FFFFH
F3:0000H
33:FFFFH
33:0000H
F2:FFFFH
F2:0000H
32:FFFFH
32:0000H
F1:FFFFH
F1:0000H
31:FFFFH
31:0000H
F0:FFFFH
F0:0000H
30:FFFFH
30:0000H
E0:FFFFH
DF:FFFFH
DF:8000H
DF:7FFFH
DF:6000H
1F:7FFFH
1F:6000H
SA3 - 8K
SA3 - 8K
Flash A
DF:5FFFH
DF:4000H
1F:5FFFH
1F:4000H
SA2 - 8K
SA2 - 8K
DF:3FFFH
DF:2000H
1F:3FFFH
1F:2000H
SA1 - 8K
SA1 - 8K
DF:1FFFH
DF:0000H
1F:1FFFH
1F:0000H
SA0 - 8K *1
SA0 - 8K *1
DE:FFFFH
DE:0000H
Reserved
Reserved
*1: Sector SA0 contains the ROM Configuration Block RCBA at CPU address DF:0000H - DF:007FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com