Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor MB96310 Datasheet HTML 42Page - Cypress Semiconductor MB96310 Datasheet HTML 43Page - Cypress Semiconductor MB96310 Datasheet HTML 44Page - Cypress Semiconductor MB96310 Datasheet HTML 45Page - Cypress Semiconductor MB96310 Datasheet HTML 46Page - Cypress Semiconductor MB96310 Datasheet HTML 47Page - Cypress Semiconductor MB96310 Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 43 of 81
MB96310 Series
2. Opposite phase external clock
• When using an opposite phase external clock, X1 (X1A) must be supplied with a clock signal which has the opposite phase to
the X0 (X0A) pins.
13.4 Unused sub clock signal
If the pins X0A and X1A are not connected to an oscillator, a pull-down resistor must be connected on the X0A pin and the X1A pin
must be left open.
13.5 Notes on PLL clock mode operation
If the PLL clock mode is selected and no external oscillator is operating or no external clock is supplied, the microcontroller attempts
to work with the free oscillating PLL. Performance of this operation, however, cannot be guaranteed.
13.6 Power supply pins (VCC/VSS)
It is required that all VCC-level as well as all VSS-level power supply pins are at the same potential. If there is more than one VCC or
VSS level, the device may operate incorrectly or be damaged even within the guaranteed operating range.
VCC and VSS must be connected to the device from the power supply with lowest possible impedance.
As a measure against power supply noise, it is required to connect a bypass capacitor of about 0.1
F between VCC and VSS as close
as possible to VCC and VSS pins.
13.7 Crystal oscillator and ceramic resonator circuit
Noise at X0, X1 pins or X0A, X1A pins might cause abnormal operation. It is required to provide bypass capacitors with shortest
possible distance to X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic resonator) and ground lines, and, to the utmost
effort, that the lines of oscillation circuit do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board art work surrounding X0, X1 pins and X0A, X1A pins with a ground area
for stabilizing the operation.
It is highly recommended to evaluate the quartz/MCU or resonator/MCU system at the quartz or resonator manufacturer, especially
when using low-Q resonators at higher frequencies.
13.8 Turn on sequence of power supply to A/D converter and analog inputs
It is required to turn the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (ANn) on after turning the digital power
supply (VCC) on.
It is also required to turn the digital power off after turning the A/D converter supply and analog inputs off. In this case, the voltage
must not exceed AVRH or AVCC (turning the analog and digital power supplies simultaneously on or off is acceptable).
13.9 Pin handling when not using the A/D converter
It is required to connect the unused pins of the A/D converter as AVCC = VCC, AVSS = AVRH = AVRL = VSS.
13.10 Notes on Power-on
To prevent malfunction of the internal voltage regulator, supply voltage profile while turning the power supply on should be slower than
50
s from 0.2 V to 2.7 V.
X0
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com