Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 50Page - Cypress Semiconductor MB96310 Datasheet HTML 51Page - Cypress Semiconductor MB96310 Datasheet HTML 52Page - Cypress Semiconductor MB96310 Datasheet HTML 53Page - Cypress Semiconductor MB96310 Datasheet HTML 54Page - Cypress Semiconductor MB96310 Datasheet HTML 55Page - Cypress Semiconductor MB96310 Datasheet HTML 56Page - Cypress Semiconductor MB96310 Datasheet HTML 57Page - Cypress Semiconductor MB96310 Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 53 of 81
MB96310 Series
Power supply
current in
Timer modes*
ICCTPLL
PLL Timer mode with
CLKMC = 4MHz,
CLKPLL = 48MHz
(CLKRC and CLKSC stopped)
+25°C
1.3
1.8
mA
+125°C
1.9
4.8
ICCTMAIN
Main Timer mode with CLKMC
= 4MHz,
SMCR:LPMSS = 0
(CLKPLL,CLKRCand CLKSC
stopped. Voltage regulator in
high power mode)
+25°C
0.11
0.2
mA
+125°C
0.63
3
Main Timer mode with
CLKMC = 4MHz,
SMCR:LPMSS = 1
(CLKPLL,CLKRCand CLKSC
stopped. Voltage regulator in
low power mode)
+25°C
0.08
0.15
mA
+125°C
0.6
2.9
Power supply
current in
Timer modes*
ICCTRCH
RC Timer mode with
CLKRC = 2MHz,
SMCR:LPMSS = 0
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in high power mode)
+25°C
0.1
0.2
mA
+125°C
0.63
3
RC Timer mode with
CLKRC = 2MHz,
SMCR:LPMSS = 1
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in low power mode)
+25°C
0.07
0.15
mA
+125°C
0.6
2.9
ICCTRCL
RC Timer mode with
CLKRC = 100kHz,
SMCR:LPMSS = 0
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in high power mode)
+25°C
0.06
0.15
mA
+125°C
0.56
2.95
RC Timer mode with
CLKRC = 100kHz,
SMCR:LPMSS = 1
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in low power mode)
+25°C
0.03
0.1
mA
+125°C
0.53
2.85
ICCTSUB
Sub Timer mode with
CLKSC = 32kHz
(CLKMC, CLKPLL and
CLKRC stopped)
+25°C
0.035
0.1
mA
+125°C
0.53
2.85
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Unit
Remarks
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com