Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 15Page - Cypress Semiconductor MB96310 Datasheet HTML 16Page - Cypress Semiconductor MB96310 Datasheet HTML 17Page - Cypress Semiconductor MB96310 Datasheet HTML 18Page - Cypress Semiconductor MB96310 Datasheet HTML 19Page - Cypress Semiconductor MB96310 Datasheet HTML 20Page - Cypress Semiconductor MB96310 Datasheet HTML 21Page - Cypress Semiconductor MB96310 Datasheet HTML 22Page - Cypress Semiconductor MB96310 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 18 of 81
MB96310 Series
00003CH
OCU6 - Compare Register
OCCP6
R/W
00003DH
OCU6 - Compare Register
R/W
00003EH
OCU7 - Compare Register
OCCP7
R/W
00003FH
OCU7 - Compare Register
R/W
000040H
ICU0/ICU1 - Control Status Register
ICS01
R/W
000041H
ICU0/ICU1 - Edge register
ICE01
R/W
000042H
ICU0 - Capture Register Low
IPCPL0
IPCP0
R
000043H
ICU0 - Capture Register High
IPCPH0
R
000044H
ICU1 - Capture Register Low
IPCPL1
IPCP1
R
000045H
ICU1 - Capture Register High
IPCPH1
R
000046H -
00004BH
Reserved
-
00004CH
ICU4/ICU5 - Control Status Register
ICS45
R/W
00004DH
ICU4/ICU5 - Edge register
ICE45
R/W
00004EH
ICU4 - Capture Register Low
IPCPL4
IPCP4
R
00004FH
ICU4 - Capture Register High
IPCPH4
R
000050H
ICU5 - Capture Register Low
IPCPL5
IPCP5
R
000051H
ICU5 - Capture Register High
IPCPH5
R
000052H
ICU6/ICU7 - Control Status Register
ICS67
R/W
000053H
ICU6/ICU7 - Edge register
ICE67
R/W
000054H
ICU6 - Capture Register Low
IPCPL6
IPCP6
R
000055H
ICU6 - Capture Register High
IPCPH6
R
000056H
ICU7 - Capture Register Low
IPCPL7
IPCP7
R
000057H
ICU7 - Capture Register High
IPCPH7
R
000058H
EXTINT0 - External Interrupt Enable Register
ENIR0
R/W
000059H
EXTINT0 - External Interrupt Interrupt request Register
EIRR0
R/W
00005AH
EXTINT0 - External Interrupt Level Select Low
ELVRL0
ELVR0
R/W
00005BH
EXTINT0 - External Interrupt Level Select High
ELVRH0
R/W
00005CH
EXTINT1 - External Interrupt Enable Register
ENIR1
R/W
00005DH
EXTINT1 - External Interrupt Interrupt request Register
EIRR1
R/W
00005EH
EXTINT1 - External Interrupt Level Select Low
ELVRL1
ELVR1
R/W
I/O map MB96(F)315x (Sheet 2 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com