Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 34Page - Cypress Semiconductor MB96310 Datasheet HTML 35Page - Cypress Semiconductor MB96310 Datasheet HTML 36Page - Cypress Semiconductor MB96310 Datasheet HTML 37Page - Cypress Semiconductor MB96310 Datasheet HTML 38Page - Cypress Semiconductor MB96310 Datasheet HTML 39Page - Cypress Semiconductor MB96310 Datasheet HTML 40Page - Cypress Semiconductor MB96310 Datasheet HTML 41Page - Cypress Semiconductor MB96310 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 37 of 81
MB96310 Series
00094FH
CAN2 - IF2 Data A1 High
IF2DTA1H2
R/W
000950H
CAN2 - IF2 Data A2 Low
IF2DTA2L2
IF2DTA22
R/W
000951H
CAN2 - IF2 Data A2 High
IF2DTA2H2
R/W
000952H
CAN2 - IF2 Data B1 Low
IF2DTB1L2
IF2DTB12
R/W
000953H
CAN2 - IF2 Data B1 High
IF2DTB1H2
R/W
000954H
CAN2 - IF2 Data B2 Low
IF2DTB2L2
IF2DTB22
R/W
000955H
CAN2 - IF2 Data B2 High
IF2DTB2H2
R/W
000956H-
00097FH
Reserved
-
000980H
CAN2 - Transmission Request 1 Register Low
TREQR1L2
TREQR12
R
000981H
CAN2 - Transmission Request 1 Register High
TREQR1H2
R
000982H
CAN2 - Transmission Request 2 Register Low
TREQR2L2
TREQR22
R
000983H
CAN2 - Transmission Request 2 Register High
TREQR2H2
R
000984H-
00098FH
Reserved
-
000990H
CAN2 - New Data 1 Register Low
NEWDT1L2
NEWDT12
R
000991H
CAN2 - New Data 1 Register High
NEWDT1H2
R
000992H
CAN2 - New Data 2 Register Low
NEWDT2L2
NEWDT22
R
000993H
CAN2 - New Data 2 Register High
NEWDT2H2
R
000994H-
00099FH
Reserved
-
0009A0H
CAN2 - Interrupt Pending 1 Register Low
INTPND1L2
INTPND12
R
0009A1H
CAN2 - Interrupt Pending 1 Register High
INTPND1H2
R
0009A2H
CAN2 - Interrupt Pending 2 Register Low
INTPND2L2
INTPND22
R
0009A3H
CAN2 - Interrupt Pending 2 Register High
INTPND2H2
R
0009A4H-
0009AFH
Reserved
-
0009B0H
CAN2 - Message Valid 1 Register Low
MSGVAL1L2
MSGVAL12
R
0009B1H
CAN2 - Message Valid 1 Register High
MSGVAL1H2
R
0009B2H
CAN2 - Message Valid 2 Register Low
MSGVAL2L2
MSGVAL22
R
0009B3H
CAN2 - Message Valid 2 Register High
MSGVAL2H2
R
I/O map MB96(F)315x (Sheet 21 of 22)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com