Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 58Page - Cypress Semiconductor MB96310 Datasheet HTML 59Page - Cypress Semiconductor MB96310 Datasheet HTML 60Page - Cypress Semiconductor MB96310 Datasheet HTML 61Page - Cypress Semiconductor MB96310 Datasheet HTML 62Page - Cypress Semiconductor MB96310 Datasheet HTML 63Page - Cypress Semiconductor MB96310 Datasheet HTML 64Page - Cypress Semiconductor MB96310 Datasheet HTML 65Page - Cypress Semiconductor MB96310 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 61 of 81
MB96310 Series
USART timing
WARNING:
The values given below are for an I/O driving strength IOdrive = 5mA. If IOdrive is 2mA, all the maximum output timing
described in the different tables must then be increased by 10ns.
Notes: • AC characteristic in CLK synchronized mode.
•CL is the load capacity value of pins when testing.
• Depending on the used machine clock frequency, the maximum possible baud rate can be limited by some parameters.
These parameters are shown in “MB96300 Super series Hardware Manual”.
•tCLKP1 is the cycle time of the peripheral clock 1 (CLKP1), Unit : ns
*1: Parameter N depends on tSCYCI and can be calculated as follows:
•if tSCYCI = 2*k*tCLKP1, then N = k, where k is an integer > 2
•if tSCYCI = (2*k+1)*tCLKP1, then N = k+1, where k is an integer > 1
Examples
:
(TA = -40°C to 125°C, VCC = 3.0V to 5.5V, VSS = AVSS = 0V, IOdrive = 5mA, CL = 50pF)
Parameter
Symbol
Pin
Condition
VCC = AVCC= 4.5V
to 5.5V
VCC = AVCC= 3.0V to
4.5V
Unit
Min
Max
Min
Max
Serial clock cycle time
tSCYCI
SCKn
Internal Shift
Clock Mode
4 tCLKP1
—4 tCLKP1
—ns
SCK ↓ → SOT delay time
tSLOVI
SCKn,
SOTn
-20
20
-30
30
ns
SOT → SCK ↑ delay time
tOVSHI
SCKn,
SOTn
N*tCLKP1
- 20 *1
—
N*tCLKP1 -
30 *1
—ns
Valid SIN → SCK ↑
tIVSHI
SCKn,
SINn
tCLKP1 +
45
—
tCLKP1 +
55
—ns
SCK ↑ → Valid SIN hold
time
tSHIXI
SCKn,
SINn
0—
0
—
ns
Serial clock “L” pulse width
tSLSHE
SCKn
External Shift
Clock Mode
tCLKP1 +
10
—
tCLKP1 +
10
—ns
Serial clock “H” pulse width
tSHSLE
SCKn
tCLKP1 +
10
—
tCLKP1 +
10
—ns
SCK ↓ → SOT delay time
tSLOVE
SCKn,
SOTn
—
2 tCLKP1
+ 45
—
2 tCLKP1
+ 55
ns
Valid SIN → SCK ↑
tIVSHE
SCKn,
SINn
tCLKP1/2
+ 10
—
tCLKP1/2 +
10
—ns
SCK ↑ → Valid SIN hold
time
tSHIXE
SCKn,
SINn
tCLKP1 +
10
—
tCLKP1 +
10
—ns
SCK fall time
tFE
SCKn
—
20
—
20
ns
SCK rise time
tRE
SCKn
—
20
—
20
ns
tSCYCI
N
4*tCLKP1
2
5*tCLKP1, 6*tCLKP1
3
7*tCLKP1, 8*tCLKP1
4
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com