Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96310 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB96310
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96310 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB96310 Datasheet HTML 60Page - Cypress Semiconductor MB96310 Datasheet HTML 61Page - Cypress Semiconductor MB96310 Datasheet HTML 62Page - Cypress Semiconductor MB96310 Datasheet HTML 63Page - Cypress Semiconductor MB96310 Datasheet HTML 64Page - Cypress Semiconductor MB96310 Datasheet HTML 65Page - Cypress Semiconductor MB96310 Datasheet HTML 66Page - Cypress Semiconductor MB96310 Datasheet HTML 67Page - Cypress Semiconductor MB96310 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
Document Number: 002-04592 Rev. *A
Page 63 of 81
MB96310 Series
14.5 Analog Digital Converter
Note: The accuracy gets worse as |AVRH - AVRL| becomes smaller.
(TA = -40 °C to +125 °C, 3.0 V AVRH - AVRL, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
10
bit
Total error
-
-
-
-
3LSB
Nonlinearity error
-
-
-
-
2.5
LSB
Differential nonlinearity error
-
-
-
-
 1.9
LSB
Zero transition voltage
VOT
ANn
AVRL - 1.5
LSB
AVRL+
0.5 LSB
AVRL +
2.5 LSB
V
Full scale transition voltage
VFST
ANn
AVRH -
3.5 LSB
AVRH -
1.5 LSB
AVRH +
0.5 LSB
V
Compare time
-
-
1.0
-
16,500
s
4.5V
 AVCC  5.5V
2.0
-
-
s
3.0V
 AVCC  4.5V
Sampling time
-
-
0.5
-
-
s
4.5V
 AVCC  5.5V
1.2
-
-
s
3.0V
 AVCC  4.5V
Analog input leakage current
(during conversion)
IAIN
ANn
-1
-
+1
A
TA  105 °C,
AVSS, AVRL < VI < AVCC,
AVRH
-1.2
-
+1.2
A
105 °C
TA  125 °C,
AVSS, AVRL < VI < AVCC,
AVRH
Analog input voltage range
VAIN
ANn
AVRL
-
AVRH
V
Reference voltage range
AVRH
AVRH
0.75 AVcc
-
AVcc
V
AVRL
AVRL
AVSS
-
0.25 AVCC
V
Power supply current
IA
AVcc
-
2.5
5
mA
A/D Converter active
IAH
AVcc
-
-
5
A
A/D Converter not
operated
Reference voltage current
IR
AVRH/AVR
L
-
0.7
1
mA
A/D Converter active
IRH
AVRH/AVR
L
--
5
A
A/D Converter not
operated
Offset between input
channels
-ANn
-
-
4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com