Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 14 Section 2: Pin Description
Document
AC104X-DS00-405-R
Polarity of LEDs is determined by polarity of mode pins.
Table 7:
LED Pins
Pin Name
Pin #
Type
Description
LEDDPX[A]
LEDDPX[B]
LEDDPX[C]
LEDDPX[D]
91
88
41
38
O
O
O
O
Port[n] Duplex LED. Active state indicates Full-Duplex. In half-duplex, this pin is
designed to blink to indicate collision.
LEDACT_LNK[A]
LEDACT_LNK[B]
LEDACT_LNK[C]
LEDACT_LNK[D]
92
89
42
39
O
O
O
O
Port[n] Activity/Link LED. Active state indicates a valid link. When there is receive
or transmit activity, LED toggles between high and low for 250 ms interval.
LEDSPD[A]
LEDSPD[B]
LEDSPD[C]
LEDSPD[D]
93
90
43
40
O
O
O
O
Port[n] Speed LED. Active state indicates 100BASE-TX mode.
Table 8:
Miscellaneous Pins
Pin Name
Pin #
Type
Description
RSTN
95
I, U
Reset. An active low input forces a known initialization state. The reset pulse dura-
tion must be > 100 us. Setting MII Reg. 0.15 asserts software reset, which has the
same functionality as the hardware reset.
Reserved
32
33
34
35
36
37
AO
Should be left un-connected.
IBREF
97
A
Reference Bias Resistor. Must be tied to analog ground through an external 10K
Ω
(1%) resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com