Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 2
Section 1: Functional Description
Document
AC104X-DS00-405-R
MDC/MDIO are a common signal pair to all ports on a design. Therefore, each port needs to have its own unique Physical
Address. The Physical Address of the PHY is set using the pins defined as PHYAD[4:2]. These input signals are strapped
externally and sampled as reset is negated. PHYAD[1:0] are addressed for each port internal to the PHY. Internal addresses
are either 00, 01, 10, 11 or 01, 10, 11, 00 depending on the polarity of PHYAD_ST during reset.
At idle, the PHY is responsible to pull MDIO line to a high state. Therefore, a 1.5K Ohm resistor is used to pull the MDIO
signal high. The PHYAD can be reprogrammed via software. A detailed definition of the Serial Management registers can
be found in the next section.
At the beginning of a read or write cycle, the MAC will send a continuous 32 bits of one at the MDC clock rate to indicate
preamble. A zero and a one will follow to indicate start of frame. A read OP code is a one and a zero, while a write OP code
is a zero and a one. These will be followed by 5 bits to indicate PHY address and 5 bits to indicate register address. Then 2
bits follow to allow for turn around time. For read operation, the first bit will be high impedance. Neither the PHY nor the
station will assert this bit. During the second bit time, the PHY will assert this bit to a zero. For write operation, the station
will drive a one for the first bit time, and a zero for the second bit time. The 16 bits data field is then presented. The first bit
that is transmitted is bit 15 of the register content.
INTERRUPT
The INTR pin on the PHY will be asserted whenever one of 8 selectable interrupt events occur. Selection is made by setting
the appropriate bit in the upper half of the Interrupt Control / Status register. When the INTR bit goes active, the MAC
interface is required to read the Interrupt Control / Status register to determine which event caused the interrupt. The Status
bits are read only and clear on read. When INTR is not asserted, the pin is held in a high impedance state.
MEDIA INTERFACE
10BASE-T
When configured to run in 10BASE-T mode, either through hardware configuration, software configuration or ANeg, the PHY
will support all the features and parameters of the industry standards.
TRANSMIT FUNCTION
Parallel to Serial logic is used to convert the 2-bit data into the serial stream. The serialized data goes directly to the
Manchester encoder where it is synthesized through the output waveshaping driver. The waveshaper reduces any EMI
emission by filtering out the harmonics, therefore eliminating the need for an external filter.
RECEIVE FUNCTION
The received signal passes through a low-pass filter, which filters out the noise from the cable, board, and transformer. This
eliminates the need for a 10BASE-T external filter. A Manchester decoder converts the incoming serial stream. Serial to
Parallel logic is used to generate the 2-bit data.
LINK MONITOR
The received signal passes through a low-pass filter, which filters out the noise from the cable, board, and transformer. This
eliminates the need for a 10BASE-T external filter. A Manchester decoder converts the incoming serial stream. Serial to
Parallel logic is used to generate the 2-bit data.
100BASE-TX
When configured to run in 100BASE-TX mode, either through hardware configuration, software configuration or Aneg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com