Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 18 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
* = Based on an OUI is 0010A9 (Hex)
Table 13:
Register 1: Status
Bit
Name
Description
Mode
Default
1.15
100BASE-T4
Permanently tied to zero indicates no 100BASE-T4 capability.
RO
0
1.14
100BASE-TX Full-
Duplex
1 = 100BASE-TX full-duplex capable.
0 = Not 100BASE-TX full-duplex capable.
RO
Set by
DPLX pin
1.13
100BASE-TX Half-
Duplex
1 = 100BASE-TX half-duplex capable.
0 = Not TX half-duplex capable.
RO
1
1.12
10BASE-T Full-
Duplex
1 = 10BASE-T full-duplex capable.
0 = Not 10BASE-T full-duplex capable.
RO
Set by
DPLX pin
1.11
10BASE-T Half-
Duplex
1 = 10BASE-T half-duplex capable.
0 = Not 10BASE-T half-duplex capable.
RO
1
1.[10:7]
Reserved
RO
0000
1.6
MF Preamble
Suppression
The PHY is able to perform management transaction without
MDIO preamble. The management interface needs minimum
of 32 bits of preamble after reset.
RO
1
1.5
ANeg Complete
1 = Auto-negotiate process completed. Reg. 4, 5, 6 are valid
after this bit is set.
0 = Auto-negotiate process not completed.
RO
0
1.4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault.
This bit remains set until it is cleared by reading register 1.
RO/LH
0
1.3
ANeg Ability
1 = Able to perform Auto-Negotiation function, default value
determined by ANEGA pin.
0 = Unable to perform Auto-Negotiation function.
RO
1
1.2
Link Status
1 = Link is established. If link fails, this bit clears and remains
at 0 until register is read again.
0 = Link has gone down.
RO/LL
0
1.1
Jabber Detect
1 = Jabber condition detect.
0 = No Jabber condition detected.
RO/LH
0
1.0
Extended
Capability
1 = Extended register capable. This bit is tied permanently to
one.
RO
1
Table 14:
Register 2: PHY Identifier 1
Reg.bit
Name
Description
Mode
Default
2.[15:0]
OUI*
Composed of the 3rd through 18th bits of the Organizationally
Unique Identifier (OUI), respectively.
RO
0022(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com