Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 34 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 34 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 26 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
Table 27:
Register 23: Operation Mode
Bit
Name
Description
Mode
Default
23.[15:14]
Reserved
RW
0
23.13
Clk_rclk_save
1 = Set rclk save mode. Rclk will be shut off after
64 cycles of each packet.
RW
0
23.12
Reserved
RW
0
23.11
Scramble disable
1 = Disable scrambler.
RW
Reset by the
SCRAM_EN pin.
23.10
Serial_bt_enable
1 = Enable serial bt mode.
RW
0
23.9
Pcsbp
1 = Enable PCS bypass mode.
RW
0
23.8
Age timer en
1 = Enable age timer in adaptation.
0 = Disable age timer in adaptation.
RW
0
23.7
Auto MDIX disable
1 = Disable auto MDIX feature.
RW
Reset by the
AUTO_M_DIX_DIS
pin.
23.6
MDIX mode
0 = MDI mode.
1 = Enable MDIX mode.
When auto-mdix feature is enabled, this is a sta-
tus bit, and is read only.
When auto-mdix is disabled, this bit controls the
mdi, mdix selection.
RW
0
23.5
Reserved
RO
0
23.[4:0]
Dlock drop counter
D lock drop counter
RO
XXXXX
Table 28:
Register 24: CRC for Recent Received Packet
Bit
Name
Description
Mode
Default
24.[15:0]
CRC16
CRC16 value displayed. For system level test purpose.
RC
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com