Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 35 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 27
Table 29:
Common Register 0: Common Operation Mode (Map to Phy Channel A, Reg 28)
Bit
Name
Description
Mode
Default
a.28.[15:5]
Reserved
RO
000H
a.28.4
Rmii_enable
1 = Put the chip in shared RMII mode.
The MODE1 pin should be pulled down and the
MODE0 pin should be pulled high for the default
configuration.
RW
1
a.28.3
Interrupt Level
1 = Interrupt active high.
0 = Interrupt active low.
RW
0
a.28.2
Act Select
Act Event selector.
1 = TX or RX activity.
0 = Receive activity.
RW
1
a.28.1
Reserved
RO
0
a.28.0
Reserved
RW
0
Table 30:
Common Register 1: Test Mode (Map to Phy Channel A, Reg 29)
Bit
Name
Description
Mode
Default
a.29.15
Reserved
RW
0
a.29.[14:10]
Reserved
RO
00010
a.29.[9:8]
Test Channel
Channel to be tested.
RW
00
a.29.[7:4]
Test mode
0000 = normal operation.
RW
0000
a.29.3
Burn In
1 = Enable Burn In Test mode.
0 = Normal Operation.
RW
Reset by the
BURN_IN pin
a.29.2
Output Disable
1 = Disable all digital outputs.
0 = Normal operation.
RW
0
a.29.1
Global phy addr
enable
1 = Write to phy addr 0 will write to all 4 phys on
the chip.
0 = Normal operation.
RW
0
a.29.0
Reduce timer
1 = Reduce timer for auto-negotiation testing.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com