Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 4: Electrical Characteristics
Page 33
Table 36:
AC Characteristics (0oC < Ta < 70oC, 2.375V < VCC < 2.625V, unless otherwise noted)
Parameter
SYM
Conditions
Min
Typ
Max
Units
Transmitter, 100BASE-TX
Differential Output Voltage,
peak-to-peak
VOD
50
Ω from each output to Vcc, Best-fit over 14 bit
times
1.9
2.0
2.1
V
Differential Output Voltage
Symmetry
VOS
50
Ω from each output to Vcc, |Vp+|/|Vp-|
0.98
1.02
mV
Differential Output Over-
shoot
VOO
Percent of Vp+ or Vp-
5
%
Rise/Fall time
tr, tf
10 - 90% of Vp+ or Vp-
345ns
Duty Cycle Distortion
Deviation from best-fit time-grid,
010101 ... Sequence
±250
ps
Timing jitter
Unscrambled Idle
1.4
ns
Transmitter, 10BASE-T
Differential Output Voltage,
peak-to-peak
VOD
50
Ω from each output to Vcc, all pattern
4.5
5
5.5
V
THD
VHD
dB below fundamental, all ones data
27
dB
Start-of-idle Pulse Width
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com