Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 3Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
B roa dcom Co rpo rat ion
Document AC104X-DS00-405-R
Page vii
Preliminary Data Sheet
■ AC104X
12/11/01
LIST OF TABLES
Table 1:
Auto-MDI/MDIX Pinout Assignments.............................................................................................. 8
Table 2:
MDI (Media Dependent Interface) Pins ........................................................................................ 11
Table 3:
RMII (Reduced Media Independent Interface) Pins ..................................................................... 12
Table 4:
SMI ( Serial Management Interface) Pins..................................................................................... 12
Table 5:
PHY Address Pins ........................................................................................................................ 13
Table 6:
Mode Pins..................................................................................................................................... 13
Table 7:
LED Pins....................................................................................................................................... 14
Table 8:
Miscellaneous Pins ....................................................................................................................... 14
Table 9:
Power and Ground Pins ............................................................................................................... 15
Table 10:
Registers 0-7 ................................................................................................................................ 16
Table 11:
Registers 8-31 .............................................................................................................................. 17
Table 12:
Register 0: Control........................................................................................................................ 17
Table 13:
Register 1: Status ......................................................................................................................... 18
Table 14:
Register 2: PHY Identifier 1 .......................................................................................................... 18
Table 15:
Register 3: PHY Identifier 2 .......................................................................................................... 19
Table 16:
Register 4: Auto-Negotiation Advertisement ................................................................................ 19
Table 17:
Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message ..... 20
Table 18:
Register 6: Auto-Negotiation Expansion....................................................................................... 20
Table 19:
Register 7: Auto-Negotiation Next Page Transmit........................................................................21
Table 20:
Register 16: BT and Interrupt Level Control ................................................................................. 21
Table 21:
Register 17: Interrupt Control/Status ............................................................................................ 22
Table 22:
Register 18: Diagnostic ................................................................................................................ 23
Table 23:
Register 19: Test Register ............................................................................................................ 24
Table 24:
Register 20: Cable Measurement Capability ................................................................................ 24
Table 25:
Register 21: Receive Error Counter ............................................................................................. 25
Table 26:
Register 22: Power Management ................................................................................................. 25
Table 27:
Register 23: Operation Mode ....................................................................................................... 26
Table 28:
Register 24: CRC for Recent Received Packet ............................................................................26
Table 29:
Common Register 0: Common Operation Mode (Map to Phy Channel A, Reg 28) ..................... 27
Table 30:
Common Register 1: Test Mode (Map to Phy Channel A, Reg 29).............................................. 27
Table 31:
Common Register 2: Analog Settings (Map to Phy Channel A, Reg 30) ..................................... 28
Table 32:
4B/5B Code-Group Table ............................................................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com