Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 20 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
*When this register is used as Next Page Message, the bit definition is the same as Register 7.
Table 17:
Register 5: Auto-Negotiation Link Partner Ability Register/Link Partner Next Page Message
Bit
Name
Description
Mode
Default
5.15
Next Page
1 = Link partner desires Next Page transfer.
0 = Link partner does not desire Next Page transfer.
RO
0
5.14
Acknowledge
1 = Link Partner acknowledges reception of FLP words.
0 = Not acknowledged by Link Partner.
RO
0
5.[13:10]
Reserved
5.9
100BASE-T4
1 = 100BASE-T4 supported by Link Partner.
0 = 100BASE-T4 not supported by Link Partner.
RO
0
5.8
100BASE-TX
Full-Duplex
1 = 100BASE -X full-duplex supported by Link Partner.
0 = 100BASE-TX full-duplex not supported by Link Partner.
RO
0
5.7
100BASE-TX
1 = 100BASE-TX half-duplex supported by Link Partner.
0 = 100BASE-TX half-duplex not supported by Link Partner.
RO
0
5.6
10BASE-T
Full-Duplex
1 = 10 Mbps full-duplex supported by Link Partner.
0 = 10 Mbps full-duplex not supported by Link Partner.
RO
0
5.5
10BASE-T
1 = 10 Mbps half-duplex supported by Link Partner.
0 = 10 Mbps half-duplex not supported by Link Partner.
RO
0
5.[4:0]
Selector Field
Protocol Selection [00001] = IEEE 802.3.
RO
00001
Table 18:
Register 6: Auto-Negotiation Expansion
Bit
Name
Description
Mode
Default
6.[15:5]
Reserved
RO
0
6.4
Parallel
Detection Fault
1 = Fault detected by parallel detection logic, this fault is due to
more than one technology detecting concurrent link up condition.
This bit can only be cleared by reading Register 6, using the man-
agement interface.
0 = No fault detected by parallel detection logic.
RO/
LH
0
6.3
Link Partner
Next Page
Able
1 = Link partner supports next page function.
0 = Link partner does not support next page function.
RO
0
6.2
Next Page
Able
Next Page is supported.
RO
1
6.1
Page Received
This bit is set when a new link code word has been received into
the Auto-Negotiation Link Partner Ability Register. This bit is
cleared upon a read of this register.
RO/
LH
0
6.0
Link Partner
ANeg-Able
1 = Link partner is Auto-Negotiation capable.
0 = Link partner is not Auto-Negotiation capable.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com