Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 45Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 46Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 4: Electrical Characteristics
Page 35
Figure 4:
MDC/MDIO Timing Diagram 1
Table 38:
Digital Timing Characteristics (0oC <Ta <70oC, 2.375V < Vdd < 2.625V)
Parameter
SYM
Conditions
Min
Typ
Max
Units
10BASE-T System Timing
Carrier Sense Turn-on Delay
tCSON
300
ns
Carrier Sense Turn-off Delay
tCSOFF
160
ns
100BASE-TX System Timing
Setup time relative to the rising
edge of REFCLK.
4-
-
ns
Hold time relative to the rising
edge of REFCLK.
2-
-
ns
RXD data output delay relative to
rising edge of REFCLK
--14
ns
10BASE-T System Timing
Setup time relative to the rising
edge of REFCLK.
4-
-
ns
Hold time relative to the rising
edge of REFCLK.
2-
-
ns
RXD data output delay relative to
rising edge of REFCLK
--14
ns
T9
T1 0
MD C
2.5 M H z
MD I O DA T A
Writ e C y c le



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com