Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 28 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
Table 31:
Common Register 2: Analog Settings (Map to Phy Channel A, Reg 30)
Bit
Name
Description
Mode
Default
a.30[15:14]
Edge rate control
Transmit Edge Rate Control.
RW
00
a.30.[13:12]
10 Squelch Level
10BT Slicer Level Control.
RW
01
a.30.[11:10]
Slice Level
Slicer Level.
RW
10
a.30.[9:8]
PBLW
Baseline Wander Bandwidth.
RW
10
a.30.[7:4]
CR_RES
RW
0110
a.30.[3:0]
DRV_RES
RW
0000
Table 32:
4B/5B Code-Group Table
PCS Code Group[4:0]
Symbol Name
MII (TXD/RXD [3:0])
Description
11110
0
0000
Data 0
01001
1
0001
Data 1
10100
2
0010
Data 2
10101
3
0011
Data 3
01010
4
0100
Data 4
01011
5
0101
Data 5
01110
6
0110
Data 6
01111
7
0111
Data 7
10010
8
1000
Data 8
10011
9
1001
Data 9
10110
A
1010
Data A
10111
B
1011
Data B
11010
C
1100
Data C
11011
D
1101
Data D
11100
E
1110
Data E
11101
F
1111
Data F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com