Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 32 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 32 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 24 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
Table 23:
Register 19: Test Register
Bit
Name
Description
Mode
Default
19.[15:9]
Reserved
Reserved.
RW
00
19.8
Tx_fef
1 = Force FEF transmit.
RW
0
19.7
Error counter full
1 = Error count full. When set indicates the rx_error counter
full in the receiver circuit. This event will cause de-scrambler
to reset.
RC
0
19.6
Err cnt disable
1 = disable error counter in the receiver module.
RW
0
19.5
Disable watch dog
timer for decipher
1 = Disable watch dog timer.
0 = Enable watch dog timer.
RW
0
19.4
Low Power Mode
disable
1 = Disable advanced power saving mode.
0 = Enable advanced power saving mode.
RW
0
19.3
Enable digital
loopback
1 = enable digital loop back.
RW
0
19.2
Test loop back
1 = enable analog test loop back.
RW
0
19.1
Remote loop back
1 = enable analog remote loop back.
RW
0
19.0
Jabber disable
1 = disable jabber.
RW
0
Table 24:
Register 20: Cable Measurement Capability
Bit
Name
Description
Mode
Default
20.15
Reserved
RW
1
20.14
Reserved
RW
1
20.[13:9]
Reserved
RO
0
20.8
Adaption Disable
1 = Disable adaption.
RW
0
20.[7:4]
Cable
Measurement
Capability
These bits can be used as cable length indicator. The bits are
incremented from 0000 to 1111, with an increment of
approximately 10 meters. The equivalent is 0 to 32 dB with
an increment of 2 dB @ 100 MHz. The value is a read back
from the equalizer, and the measured value is not absolute.
These bits are only applicable to the 100BASE-TX mode.
RW
X
20.[3:0]
Adaption Low
Limit Value
Adaption setting, when the SD signal is first detected.
RO
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com