Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC104X-DS00-R Datasheet HTML 1Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 2Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 3Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PRELIMINARY DATA SHEET
■ AC104X
AC104X-DS00-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 •Fax: 949-450-8710
12/11/01
2.5V 4-Port 10/100-TX Ethernet Transceiver
Figure 1:
Functional Block Diagram
The AC104X is a highly integrated, 2.5V, low power, four
port, 10BASE-T/100BASE-TX, Ethernet transceiver
implemented in 0.25mm CMOS technology. Multiple
modes of operation, including normal operation, test mode
and power saving mode, are available through either
hardware or software control.
Features include ENDECs, Scrambler/Descrambler, and
Auto-Negotiation (ANeg) with support for parallel
detection. The transmitter includes a dual-speed clock
synthesizer that only needs one external clock source. The
chip has built-in wave shaping driver circuit for both
10Mbps and 100Mbps, eliminating the need for an external
hybrid filter. The receiver has an adaptive equalizer / DC
restoration circuit for accurate clock / data recovery for the
100BASE-TX signal. It also provides an on-chip low pass
filer / Squelch circuit for the 10BASE-T signal.
•
4 ports with RMII MAC interface
•
4 ports with 10/100 TX media interface
• Full-Duplex or Half-Duplex
•
Very small package
• 100PQFP
•
Very low power - TYP < 280mW / port
• Cable Detect mode - TYP < 40 mW / port
• Power Down mode - TYP < 3.3 mW / port
•
2.5V .25 micron CMOS
•
RMII 3.3V tolerant I/O
•
Fully compliant with
• IEEE 802.3 / 802.3u
•RMII
•
Baseline Wander Compensation
•
Multi-Function LED outputs
•
Cable length indicator
•
Reverse polarity detection and correction with Regis-
ter Bit indication - Automatic or Forced
•
HP Auto-MDIX
•
8 programmable interrupts
Port A
Port B
Port C
Mux
MII Serial Management
Interface and Registers
PLL Clk Gen.
Test/LED Control
100TX
100RX
10TX
10RX
Auto-
Negotiation
RX
FLP
25
MHz
20
MHz
Control/Status
PHYAD[4:0]
CKIN TEST[3:0] LED Drivers
25
MHz
Port D
RMII
MDIO/MDC
TXOP/N(A)
RXIP/N(A)
TXOP/N(B)
RXIP/N(B)
TXOP/N(C)
RXIP/N(C)
PCS
.Framer
.Carrier Detect
.4B/5B
PMA
.Clock Recov.
.Link Monitor
.Signal Detect
10BASE-T
TP_PMD
.MLT-3
.BLW
.Stream Cipher
TXOP/N(D)
RXIP/N(D)
GEN E RA L DES CRI P T I O N
F E A T U RE S


Similar Part No. - AC104X-DS00-R

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1040 TALEMA-AC1040 Datasheet
61Kb / 1P
40 Amp Current Transformer
logo
List of Unclassifed Man...
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
auris-GmbH
AC1045 AURIS-AC1045 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
AC1045/4 AURIS-AC1045/4 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
More results

Similar Description - AC104X-DS00-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
July 2000
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
10/100BASE-TX Ethernet Transceiver
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
National Semiconductor ...
DP83848K NSC-DP83848K_07 Datasheet
1,014Kb / 78P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222_05 Datasheet
1Mb / 76P
Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com