Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 25
Table 25:
Register 21: Receive Error Counter
Bit
Name
Description
Mode
Default
21.[15:0]
RX_ER Counter
Count Receive Error Events.
RO
0
Table 26:
Register 22: Power Management
Bit
Name
Description
Mode
Default
22.[15:14]
Reserved
RO
00
22.13
PD_PLL
1 = Power down PLL circuit.
RO
X
22.12
PD_EQUAL
1 = Power down equalizer circuit.
RO
X
22.11
PD_BT_RCVR
1 = Power down 10 base T receiver.
RO
X
22.10
PD_LP
1 = Power down link pulse receiver.
RO
X
22.9
PD_EN_DET
1 = Power down energy detect circuit.
RO
X
22.8
Reserved
RO
1
22.[7:6]
Reserved
RW
11
22.5
MSK_PLL
0 = Force power up PLL circuit.
RW
1
22.4
MSK_EQUAL
0 = Force power up equalizer circuit.
RW
1
22.3
MSK_BT_RCVR
0 = Force power up 10 base T receiver.
RW
1
22.2
MSK_LP
0 = Force power up link pulse receiver.
RW
1
22.1
MSK_EN_DET
0 = Force power up energy detect circuit.
RW
1
22.0
Reserved
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com