Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 6
Section 1: Functional Description
Document
AC104X-DS00-405-R
REVERSE POLARITY DETECTION AND CORRECTION
Certain cable plants have crossed wiring on the twisted pairs; the reversal of TXIN and TXIP. Under normal circumstances
this would cause the receive circuitry to reject all data. When the Auto Polarity Disable bit is cleared, the PHY has the ability
to detect the fact that either 8 NLPs or a burst of FLPs are inverted and automatically reverse the receiver's polarity. The
polarity state is stored in the Reverse Polarity bit.
If the Auto Polarity Disable bit is set, then the Reverse Polarity bit can be written to force the polarity reversal of the receiver.
INITIALIZATION AND SETUP
HARDWARE CONFIGURATION
Several different states of operation can be chosen through hardware configuration. External pins may be pulled either high
or low at reset time. The combination of high and low values determines the power on state of the device.
Many of these pins are multi-function pins which change their meaning when reset ends.
SOFTWARE CONFIGURATION
Several different states of operation can be chosen through software configuration. Please refer to the ”SMI” on page 1 as
well as Section 3 ”Register Descriptions” on page 16.
LEDS
Each of the 4 ports has 3 individual LED outputs available to indicate Speed, Duplex/Collision, and Link/Activity. These multi-
function pins are inputs during reset and LED output pins thereafter. The level of these pins during reset determines their
active output states. If a multi-function pin is pulled up during reset to select a particular function, then that LED output would
become active low, and the LED circuit must be designed accordingly, and vice versa.
AUTO-NEGOTIATION
By definition the 10/100 Transceiver is able to run at either 10Mbps or 100Mbps. In addition the PHY is able to run in either
half-duplex or full-duplex. To determine the operational state, the PHY has hardware selects and software selects while also
supporting Auto- Negotiation and Parallel Detection.
Legitimate operating states are:
•
10BASE-T half-duplex
•
10BASE-T full-duplex
•
100BASE-TX half-duplex
•
100BASE-TX full-duplex
The PHY can be hardware configured to force any one of the above mentioned modes. By forcing the mode, the PHY will
only run in that mode, hence limiting the locations where the product will operate.
The PHY is able to negotiate its mode of operation using the Auto-Negotiation mechanism defined in the clause 28 of IEEE
802.3u specification. ANeg can be enabled or disabled by hardware (ANEGA pin) or software (Reg. 0.12) control. When
the ANeg is enabled, the PHY chooses its mode of operation by advertising its abilities and comparing them with the ability
received from its link partner. It can be configured to advertise 100BASE-TX or 10BASE-T operating in either full- or half-
duplex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com