Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 29
Idle and Control Code
11111
I
0000
Inter-Packet Idle; used as inter-stream fill code.
11000
J
0101
Start of stream delimiter, part 1 of 2; always use in pair
with K symbol.
10001
K
0101
Start of stream delimiter, part 2 of 2; always use in pair
with J symbol.
01101
T
Undefined
End of stream delimiter, part 1 of 2; always use in pair
with R symbol.
00111
R
Undefined
End of stream delimiter, part 2 of 2; always use in pair
with T symbol.
Invalid Code
00100
H
Undefined
Transmit Error; used to send HALT code group
00000
V
Undefined
Invalid code
00001
V
Undefined
Invalid code
00010
V
Undefined
Invalid code
00011
V
Undefined
Invalid code
00101
V
Undefined
Invalid code
00110
V
Undefined
Invalid code
01000
V
Undefined
Invalid code
01100
V
Undefined
Invalid code
10000
V
Undefined
Invalid code
11001
V
Undefined
Invalid code
Table 33:
SMI Read/Write Sequence
SMI Read/Write Sequence
Pream
(32 bits)
Start
(2 bits)
OpCode
(2 bits)
PHYAD
(5 bits)
REGAD
(5 bits)
TurnAround
(2 bits)
Data
(16 bits)
Idle
Read
1…1
01
10
AAAAA
RRRRR
Z0
D…D
Z
Write
1…1
01
01
AAAAA
RRRRR
10
D…D
Z
Table 32:
4B/5B Code-Group Table (Cont.)
PCS Code Group[4:0]
Symbol Name
MII (TXD/RXD [3:0])
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com