Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 4: Electrical Characteristics
Page 31
Se ction 4 : E lectr i c a l C h a r ac te ristics
ABSOLUTE MAXIMUM RATINGS
Storage Temperature...............................-40oC to +125oC
Vcc Supply Referenced to GND............. -0.25V to +2.75V
Digital Input Voltage................................. -0.33V to +3.63V
DC Output Voltage.....................................-0.25V to +2.75V
OPERATING RANGE
Operating Temperature (Ta)............................ 0oC to +70oC
Vcc Supply Voltage Range (Vcc)......................2.375V to 2.625V
Note
The following electrical characteristics are design goal rather than characterized numbers.
Table 35:
DC Characteristics (0oC < Ta < 70oC, 2.375V < VCC < 2.625V, unless otherwise noted)
Parameter
SYM
Conditions
Min
Typ
Max
Units
Power Supply Current
for all 4 ports
Icc
10 BASE-T, idle
10 BASE-T, normal activity traffic ~50% util.
10 BASE-T, Peak continuous 100% utilization
100 BASE-TX
10/100 BASE-TX, low-power without cable
Auto-Negotiation
Power down
95
290
480
348
75
68
115
310
500
360
85
80
1
mA
Maximum Power
Consumption for all 4
ports
PMAX
1.35
W
TTL Input High Voltage
Vih
2.0
V
TTL Input Low Voltage
Vil
0.8
V
TTL Input Current
Iin
Vcc = 2.625V
-10
10
µA
TTL Input Capacitance
CIin
10
pF
Output High Voltage
Voh
2.375V < Vcc < 2.625V, IoH = 8 mA
Vcc-0.4
V
Output Low Voltage
Vol
2.375V < Vcc < 2.625V, IoL = 8 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com