Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 4
Section 1: Functional Description
Document
AC104X-DS00-405-R
BASELINE WANDER COMPENSATION
The 100BASE-TX data stream is not always DC balanced. The transformer blocks the DC components of the incoming
signal, thus the DC offset of the differential receive inputs can drift. The shifting of the signal level, coupled with non-zero
rise and fall times of the serial stream can cause pulse-width distortion. This creates jitter and possible increase in the bit
error rates. Therefore, a DC restoration circuit is needed to compensate for the attenuation of the DC component. This PHY
implements a patent-pending DC restoration circuit. Unlike the traditional implementation, the circuit does not need the
feedback information from the slicer or the clock recovery circuit. This design simplifies the circuit design and eliminates any
random/systematic offset on the receive path. In the 10BASET, the baseline wander correction circuit is not required, and
therefore is disabled.
CLOCK/DATA RECOVERY
The equalized MLT-3 signal passes through the slicer circuit, and gets converted to NRZI format. The PHY uses a
proprietary mixed-signal phase locked loop (PLL) to extract clock information from the incoming NRZI data. The extracted
clock is used to re-time the data stream and set the data boundaries. The transmit clock is locked to the 50 MHz clock input
while the receive clock is locked to the incoming data streams. When initial lock is achieved, the PLL switches to the data
stream, extracts the 125 MHz clock, and uses it for the bit framing for the recovered data. The PLL requires no external
components for its operation and has high noise immunity and low jitter. It provides fast phase alignment and locks to data
in one transition. Its data/clock acquisition time after power-on is less than 60 transitions. The PLL can maintain lock on run-
lengths of up to 60 data bits in the absence of signal transitions. When no valid data is present, i.e. when the SD is de-
asserted, the PLL will switch and lock on to REFCLK. At the PCS interface, the 5 bit data RXD[4:0] is synchronized to the
25 MHz RX_CLK.
DECODER/DE-SCRAMBLER
The de-scrambler detects the state of the transmit Linear Feedback Shift Register (LFSR) by looking for a sequence
representing consecutive idle codes. The de-scrambler acquires lock on the data stream by recognizing IDLE bursts of 30
or more bits and locks its frequency to its de-ciphering LFSR.
Once lock is acquired, the device can operate with an inter-packet-gap (IPG) as low as 40 nS. However, before lock is
acquired, the de-scrambler needs a minimum of 270 nS of consecutive idles in between packets in order to acquire lock.
The de-ciphering logic also tracks the number of consecutive errors received while the CRS_DV is asserted. Once the error
counter exceeds its limit currently set to 64 consecutive errors, the logic assumes that the lock has been lost, and the de-
cipher circuit resets itself. The process of regaining lock will start again.
Stream cipher de-scrambler is not used in the 10BASE-T modes.
LINK MONITOR
Signal level is detected through a squelch detection circuitry. A signal detect (SD) circuit allows the equalizer to assert high
whenever the peak detector detects a post-equalized signal with peak to ground voltage greater than 400 mV. This is
approximately 40% of a normal signal voltage level. In addition, the energy level must be sustained for longer than 2~3 mS
in order for the signal detect signal to stay on. The SD gets de-asserted approximately 1~2 ms after the energy level drops
consistently below 300 mV from peak to ground.
The link signal is forced low during a local loopback operation (Loopback register bit is set) and forced to high when a remote
loopback is taking place (EN_RPBK is set).
In forced 100BASE-TX mode, when a cable is unplugged or no valid signal is detected on the receive pair, the link monitor
enters in the "link fail" state and NLP's are transmitted. When a valid signal is detected for a minimum period of time, the link
monitor enters Link Pass State and transmits MLT-3 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com