Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 23 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 23 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 2: Pin Description
Page 15
Table 9:
Power and Ground Pins
Pin Name
Pin #
Type
Description
OVDD
44, 62, 77
P
Digital +2.5V power supply for I/O.
OGND
59, 72, 87
G
Digital ground for I/O.
CVDD
54, 67, 80
P
Digital +2.5V power supply for core logic.
CGND
49, 52, 73, 83
G
Digital ground for core logic.
AVDD
7, 8, 15, 16, 23, 24, 31, 100
P
+2.5V power supply for analog circuit.
AGND
3, 4, 11, 12, 19, 20, 27, 28
G
Ground for analog circuit.
GAVDD
98,99
P
+2.5V power supply for common analog circuits.
GAGND
96
G
Ground for common analog circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com