Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 1: Functional Description
Page 1
Sect ion 1 : F un cti o n a l Descrip t io n
The AC104X physical layer device (PHY) integrates the 100BASE-TX and 10BASE-T functions in a single four port chip that
is used in Fast Ethernet 10/100 Mbps applications. The 100BASE-TX section consists of PCS, PMA, and PMD functions
and the 10BASE-T section is consisted of Manchester ENDEC and transceiver functions. The device performs the following
functions:
•
4B/5B
•
MLT3
•
NRZI
•
Manchester Encoding and Decoding
•
Clock and Data Recovery
•
Stream Cipher Scrambling / De-Scrambling
•
Adaptive Equalization
•
Line Transmission
•
Carrier Sense
•
Link Integrity Monitor
•
Auto-Negotiation (ANeg)
•
Auto-MDI/MDIX
•
RMII MAC connectivity
•
MII Management Function
It also provides an RMII consortium compatible Reduced Media Independent Interface (RMII) to communicate with an
Ethernet Media Access Controller (MAC). Selection of 10 or 100 Mbps operation is based on the settings of internal Serial
Management Interface registers or determined by the on-chip ANeg logic. The device can operate in 10 or 100 Mbps with
full-duplex or half-duplex mode on a per-port basis.
MAC INTERFACE
RMII
The Reduced Media Independent Interface (RMII) is used to connect the PHY with the MAC. The PHY and MAC obtain their
clock from a common 50 MHz source, such as a clock oscillator. This clock is shared by all ports within the PHY for
transmitting and receiving data on 2 individual 2-bit data buses. In 100M mode, RXD[1:0] is sampled on every cycle of
REFCLK. In 10M mode, RXD[1:0] is sampled on every 10th cycle of REFCLK. RXER is generated by the PHY to indicate a
receive error to the MAC.
TX_EN is generated by the MAC to indicate to the PHY when there is valid data on the transmit
bus. In 100M mode, the PHY will read 2 bits from TXD[1:0] for each cycle of REFCLK. In 10M mode, the PHY will read 2
bits of data from TXD[1:0] every 10th cycle of REFCLK.
The Serial Management Interface (SMI) is shared between all ports in the PHY. This totals 7 pins per port plus 3 per PHY.
SMI
The PHY's internal registers are accessible only through the MII 2-wire Serial Management Interface (SMI). MDC is a clock
input to the PHY, which is used to latch in or out data and instructions for the PHY. The clock can run from 2.5MHz to 25
MHz. MDIO is a bi-directional connection used to write instructions to, write data to, or read data from the PHY. Each data
bit is latched either in or out on the rising edge of MDC. MDC is not required to maintain any speed or duty cycle, provided
no half cycle is less than 20ns and that data is presented synchronous to MDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com