Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 1: Functional Description
Page 9
•
Energy detect/power saving mode: Energy detect mode turns off the power to select internal circuitry when there is no
live network connected. Energy Detect (ED) circuit is always turned on to monitor if there is a signal energy present on
the media. The SMI circuitry is also powered on and ready to respond to any management transaction. The transmit
circuit still send out link pulses with minimum power consumption. If a valid signal is received from the media, the
device powers up and resumes normal transmit/receive operation. (Patent Pending)
•
Reduced Transmit Drive Strength mode: Additional power saving can be gained at the PHY level by designing with
1.25:1 turns magnetic ratio and asserting the TP125 pin at reset.
CLOCK
The clock input must have a TTL clock oscillator measured at 50 MHz-100PPM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com