Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 16 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
Section 3 : R egis ter De scr iptions
The first seven registers of the MII register set are defined by the MII specification. In addition to these required registers are
several Altima Communications Inc. specific registers. There are reserved registers and/or bits that are for Altima internal
use only. The following standard registers are supported. Register numbers are in decimal format; the values are in hex
format.
When writing to registers it is recommended that a read/modify/write operation be performed, as unintended bits may get to
unwanted states. This applies to all registers, including those with reserved bits.
LEGEND
RW
Read and Write Access
SC
Self Clearing
LL
Latch Low until cleared by reading
RO
Read Only
RC
Cleared on Read
LH
Latch High until cleared by reading
Table 10:
Registers 0-7
Register
Description
Default
0
Control Register
3000
1
Status Register
7849
2
PHY Identifier 1 Register
0022
3
PHY Identifier 2 Register
5542
4
Auto-Negotiation Advertisement Register
01E1
5
Auto-Negotiation Link Partner Ability Register
0001
6
Auto-Negotiation Expansion Register
0004
7
Next Page Advertisement Register
2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com